전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

75V16F64GS16 데이터시트(HTML) 35 Page - Integrated Silicon Solution, Inc

부품명 75V16F64GS16
상세내용  64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

75V16F64GS16 데이터시트(HTML) 35 Page - Integrated Silicon Solution, Inc

Back Button 75V16F64GS16 데이터시트 HTML 31Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 32Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 33Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 34Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 35Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 36Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 37Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 38Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 39Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
35
PRELIMINARY INFORMATION
Rev. 00A
08/01/02
75V16F64GS16
ISSI®
PSRAM READ OPERATIONS
Value
Parameter
Symbol
Min.
Max.
Unit
Read Cycle Time
tRC
90
ns
Chip Enable Access Time
(1,3)
tCE
80
ns
Output Enable Access Time
(1)
tOE
45
ns
Chip Enable Access Time
(1,4)
tAA
80
ns
Output Data Hold Time
(1)
tOH
5
ns
CE1r Low to Output Low-Z(2)
tCLZ
5
ns
OE Low to Output Low-Z(2)
tOLZ
0
ns
CE1r High to Output High-Z(2)
tCHZ
30
ns
OE High to Output High-Z(2)
tOHZ
25
ns
Address Setup Time to
CE1r Low(5)
tASC
-5
ns
Address Setup Time to
OE(3,6)
tASO
45
ns
Address Setup Time to
OE(7)
tASO(ABS)10
ns
Address Invalid Time
(4)
tAX
5
ns
CE1r Low to Address Hold Time(4)
tCLAH
90
ns
OE Low to Address Hold Time(4,8)
tOLAH
45
ns
CE1r High to Address Hold Time
tCHAH
-5
ns
OE High to Address Hold Time
tOHAH
-5
ns
CE1r Low to OE Low DelayTime(4,6,8,9)
tCLOL
45
1000
ns
OE Low to CE1r High DelayTime(8)
tOLCH
45
ns
CE1r High Pulse Width
tCP
20
ns
OE High Pulse Width(6,8,9)
tOP
45
1000
ns
OE High Pulse Width(7)
tOP(ABS)20
ns
Notes:
1. The output load is 30 pF.
2. The output load is 5 pF.
3. The tCE is applicable if
OE is brought to Low before CE1r goes Low and is also applicable if actual value of both
or either tASO or tCLOL is shorter than specified value.
4. Applicable only to A0 and A1 when both
CE1r and OE are kept at Low for the address access.
5. Applicable if
OE is brought to Low before CE1r goes Low.
6. The tASO, tCLOL (Min) and top (Min) are reference values when the access time is determined by tOE.
If actual value of each parameter is shorter than specified minimum value, tOE becomes longer by the amount
of subtracting actual value from specified minimum value.
For example, if actual tASO, tASO (actual) , is shorter than specified minimum value, tASO (Min) , during
OE control
access (i.e.,
CE1r stays Low) , the tOE becomes tOE (Max) + tASO (Min) - tASO (actual) .
7. The tASO[ABS] and tOP[ABS] are the absolute minimum values during
OE control access.
8. If actual value of either tCLOL or tOP is shorter than specified minimum value, both tOLAH and tOLCH become tRC (Min)
- tCLOL (actual) or tRC (Min) - tOP (actual) .
9. Maximum value is applicable if
CE1r is kept at Low.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn