전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

75V16F64GS16 데이터시트(HTML) 45 Page - Integrated Silicon Solution, Inc

부품명 75V16F64GS16
상세내용  64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

75V16F64GS16 데이터시트(HTML) 45 Page - Integrated Silicon Solution, Inc

Back Button 75V16F64GS16 데이터시트 HTML 41Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 42Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 43Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 44Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 45Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 46Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 47Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 48Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 49Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
45
PRELIMINARY INFORMATION
Rev. 00A
08/01/02
75V16F64GS16
ISSI®
PSRAM POWER UP TIMING 2
PSRAM POWER UP TIMING 1
CE1r
Vccr
tC2LH
CE2r
tCHS
tCHH
0V
Vccr Min
CE1r
Vccr
tC2HL
CE2r
tCHS
tCHH
0 V
Vccr Min
tC2LP
tCSP
tC2HL
Note: The tC2LH specifies from CE2r Low to High transition after Vccr reaches specified minimum level.
CE1r must
be brought to High prior to or together with CE2r Low to High transition.
Note: It is recommended CE2r to be kept at Low during Vccr power-up. The tC2LH specifies after Vccr reaches
specified minimum level.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn