전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

75V16F64GS16 데이터시트(HTML) 46 Page - Integrated Silicon Solution, Inc

부품명 75V16F64GS16
상세내용  64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

75V16F64GS16 데이터시트(HTML) 46 Page - Integrated Silicon Solution, Inc

Back Button 75V16F64GS16 데이터시트 HTML 42Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 43Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 44Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 45Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 46Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 47Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 48Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 49Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 50Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
46
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
PRELIMINARY INFORMATION
Rev. 00A
08/01/02
75V16F64GS16
ISSI®
FLASH ERASE AND PROGRAMMING PERFORMANCE
Parameter
Min.
Max.
Typ.(1)
Unit
Remarks
Sector Erase Time
0.2
1.0
s
Excludes programming time
prior to erasure
Word Programming Time
6.0
60
µs
Excludes system-level
overhead
Chip Programming Time
200
s
Excludes system-level
overhead
Erase/Program Cycle
100,00
cycle
Note:
1. Test conditions TA = +25
°C, VCC = 2.9V, Data = Checker


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn