전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

75V16F64GS16 데이터시트(HTML) 49 Page - Integrated Silicon Solution, Inc

부품명 75V16F64GS16
상세내용  64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

75V16F64GS16 데이터시트(HTML) 49 Page - Integrated Silicon Solution, Inc

Back Button 75V16F64GS16 데이터시트 HTML 42Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 43Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 44Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 45Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 46Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 47Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 48Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 49Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 50Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
49
PRELIMINARY INFORMATION
Rev. 00A
08/01/02
75V16F64GS16
ISSI®
K J H G F E D C B A
SEATING PLANE
A B C D E F G H J K
10
9
8
7
6
5
4
3
2
1
ø 0.45 +
0.10/−0.05 (65X)
10
9
8
7
6
5
4
3
2
1
A1
A
e
E
E1
e
D
D1
BALL GRID ARRAY – 65-Ball FBGA
PACKAGE CODE: D - 9.0 mm x 9.0 mm Body, 0.8 mm Ball Pitch
Symbol
Min.
Typ.
Max.
Units
A
1.09
1.19
1.34
mm
A1
0.29
0.39
0.49
mm
D
8.90
9.00
9.10
mm
D1
7.20
mm
E
8.90
9.00
9.10
mm
E1
7.20
mm
e
0.80
mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn