전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F1245 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74F1245
상세설명  Octal transceiver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F1245 데이터시트(HTML) 5 Page - NXP Semiconductors

  74F1245 Datasheet HTML 1Page - NXP Semiconductors 74F1245 Datasheet HTML 2Page - NXP Semiconductors 74F1245 Datasheet HTML 3Page - NXP Semiconductors 74F1245 Datasheet HTML 4Page - NXP Semiconductors 74F1245 Datasheet HTML 5Page - NXP Semiconductors 74F1245 Datasheet HTML 6Page - NXP Semiconductors 74F1245 Datasheet HTML 7Page - NXP Semiconductors 74F1245 Datasheet HTML 8Page - NXP Semiconductors 74F1245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F1245
Octal transceiver (3-State)
1995 Mar 01
5
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An to Bn, Bn to An
Waveform
NO TAG
2.0
2.5
4.0
5.0
6.5
7.5
1.5
2.0
7.0
8.0
ns
tPZH
tPZL
Output Enable time
OE to An or Bn
Waveform
NO TAG
Waveform
NO TAG
3.0
4.0
6.0
7.5
8.0
10.0
2.5
3.5
9.0
11.0
ns
tPHZ
tPLZ
Output Disable time
OE to An or Bn
Waveform
NO TAG
Waveform
NO TAG
2.0
4.0
5.0
7.0
8.0
10.0
1.5
4.0
9.0
11.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
Bn, An
An, Bn
tPLH
tPHL
SF00202
Waveform 1.
Propagation Delay for Non-Inverting Output
VOH–0.3V
VM
VM
VM
An, Bn
tPZH
tPHZ
SF00203
OE
0V
Waveform 2.
3-State Output Enable Time to High Level and
Output Disable Time from High Level
VOL+0.3V
VM
VM
VM
An, Bn
tPZL
tPLZ
SF00204
OE
Waveform 3.
3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


유사한 부품 번호 - 74F1245

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F1240 PHILIPS-74F1240 Datasheet
85Kb / 10P
   Octal inverter buffer 3-State
1999 Jan 08
74F1241 PHILIPS-74F1241 Datasheet
85Kb / 10P
   Octal inverter buffer 3-State
1999 Jan 08
74F1244 PHILIPS-74F1244 Datasheet
75Kb / 8P
   Octal buffer 3-State
1989 Apr 04
More results

유사한 설명 - 74F1245

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MM74HC245A ONSEMI-MM74HC245A Datasheet
212Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
Nexperia B.V. All right...
74F245 NEXPERIA-74F245 Datasheet
213Kb / 11P
   Octal transceiver (3-State)
November 15, 1994
logo
Fairchild Semiconductor
DM74ALS5245 FAIRCHILD-DM74ALS5245 Datasheet
78Kb / 7P
   Octal 3-STATE Transceiver
logo
NXP Semiconductors
74F245 PHILIPS-74F245 Datasheet
91Kb / 10P
   Octal transceiver 3-State
1994 Nov 15
logo
ON Semiconductor
MM74HCT245 ONSEMI-MM74HCT245 Datasheet
213Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
NXP Semiconductors
74ALS245A PHILIPS-74ALS245A Datasheet
116Kb / 10P
   Octal transceiver 3-State
1991 Jun 03
logo
Fairchild Semiconductor
MM74HCT245 FAIRCHILD-MM74HCT245 Datasheet
107Kb / 8P
   Octal 3-STATE Transceiver
MM74HC245A FAIRCHILD-MM74HC245A Datasheet
94Kb / 8P
   Octal 3-STATE Transceiver
MM74HCT245 FAIRCHILD-MM74HCT245 Datasheet
103Kb / 7P
   Octal 3-STATE Transceiver
logo
NXP Semiconductors
74ALS645A PHILIPS-74ALS645A Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com