전자부품 데이터시트 검색엔진 |
|
74F1779 데이터시트(PDF) 8 Page - NXP Semiconductors |
|
74F1779 데이터시트(HTML) 8 Page - NXP Semiconductors |
8 / 12 page Philips Semiconductors Product specification 74F1779 8-bit bidirectional binary counter (3-State) 1989 Apr 06 8 TEST CIRCUIT AND WAVEFORMS tw 90% VM 10% 90% VM 10% 90% VM 10% 90% VM 10% NEGATIVE PULSE POSITIVE PULSE tw AMP (V) 0V 0V tTHL (tf ) INPUT PULSE REQUIREMENTS rep. rate tw tTLH tTHL 1MHz 500ns 2.5ns 2.5ns Input Pulse Definition VCC family 74F D.U.T. PULSE GENERATOR RL CL RT VIN VOUT Test Circuit for 3-State Outputs DEFINITIONS: RL = Load resistor; see AC electrical characteristics for value. CL = Load capacitance includes jig and probe capacitance; see AC electrical characteristics for value. RT = Termination resistance should be equal to ZOUT of pulse generators. tTHL (tf ) tTLH (tr ) tTLH (tr ) AMP (V) amplitude 3.0V 1.5V VM RL 7.0V SF00777 TEST SWITCH tPLZ closed tPZL closed All other open SWITCH POSITION |
유사한 부품 번호 - 74F1779 |
|
유사한 설명 - 74F1779 |