전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5243B 데이터시트(PDF) 3 Page - Weitron Technology

부품명 1N5243B
상세설명  Surface Mount Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1N5243B 데이터시트(HTML) 3 Page - Weitron Technology

  1N5243B Datasheet HTML 1Page - Weitron Technology 1N5243B Datasheet HTML 2Page - Weitron Technology 1N5243B Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N5221B Series
WEITRON
http//www.weitron.com.tw
3/3
18-Jul-06
VZnom1)
IZT
for
rzjT
rzjK
@ IZK
IR
@
VR
TKVZ
Type
V
mA
Ω
Ω
mA
μ
A
V
%/K
1N5221B
2.4
20
<30
<1200
0.25
<100
1.0
<-0.085
1N5222B
2.5
20
<30
<1250
0.25
<100
1.0
<-0.085
1N5223B
2.7
20
<30
<1300
0.25
<75
1.0
<-0.080
1N5224B
2.8
20
<30
<1400
0.25
<75
1.0
<-0.080
1N5225B
3.0
20
<29
<1600
0.25
<50
1.0
<-0.075
1N5226B
3.3
20
<28
<1600
0.25
<25
1.0
<-0.070
1N5227B
3.6
20
<24
<1700
0.25
<15
1.0
<-0.065
1N5228B
3.9
20
<23
<1900
0.25
<10
1.0
<-0.060
1N5229B
4.3
20
<22
<2000
0.25
<5
1.0
<+0.055
1N5230B
4.7
20
<19
<1900
0.25
<5
2.0
<+0.030
1N5231B
5.1
20
<17
<1600
0.25
<5
2.0
<+0.030
1N5232B
5.6
20
<11
<1600
0.25
<5
3.0
<+0.038
1N5233B
6.0
20
<7
<1600
0.25
<5
3.5
<+0.038
1N5234B
6.2
20
<7
<1000
0.25
<5
4.0
<+0.045
1N5235B
6.8
20
<5
<750
0.25
<3
5.0
<+0.050
1N5236B
7.5
20
<6
<500
0.25
<3
6.0
<+0.058
1N5237B
8.2
20
<8
<500
0.25
<3
6.5
<+0.062
1N5238B
8.7
20
<8
<600
0.25
<3
6.5
<+0.065
1N5239B
9.1
20
<10
<600
0.25
<3
7.0
<+0.068
1N5240B
10
20
<17
<600
0.25
<3
8.0
<+0.075
1N5241B
11
20
<22
<600
0.25
<2
8.4
<+0.076
1N5242B
12
20
<30
<600
0.25
<1
9.1
<+0.077
1N5243B
13
9.5
<13
<600
0.25
<0.5
9.9
<+0.079
1N5244B
14
9.0
<15
<600
0.25
<0.1
10
<+0.082
1N5245B
15
8.5
<16
<600
0.25
<0.1
11
<+0.082
1N5246B
16
7.8
<17
<600
0.25
<0.1
12
<+0.083
1N5247B
17
7.4
<19
<600
0.25
<0.1
13
<+0.084
1N5248B
18
7.0
<21
<600
0.25
<0.1
14
<+0.085
1N5249B
19
6.6
<23
<600
0.25
<0.1
15
<+0.086
1N5250B
20
6.2
<25
<600
0.25
<0.1
16
<+0.086
1N5251B
22
5.6
<29
<600
0.25
<0.1
17
<+0.087
1N5252B
24
5.2
<33
<600
0.25
<0.1
18
<+0.088
1N5253B
25
5.0
<35
<600
0.25
<0.1
19
<+0.089
1N5254B
27
4.6
<41
<600
0.25
<0.1
21
<+0.090
1N5255B
28
4.5
<44
<600
0.25
<0.1
21
<+0.091
1N5256B
30
4.2
<49
<600
0.25
<0.1
23
<+0.091
1N5257B
33
3.8
<58
<700
0.25
<0.1
25
<+0.092
1N5258B
36
3.4
<70
<700
0.25
<0.1
27
<+0.093
1N5259B
39
3.2
<80
<800
0.25
<0.1
30
<+0.094
1N5260B
43
3.0
<93
<900
0.25
<0.1
33
<+0.095
1N5261B
47
2.7
<105
<1000
0.25
<0.1
36
<+0.095
1N5262B
51
2.5
<125
<1100
0.25
<0.1
39
<+0.096
1N5263B
56
2.2
<150
<1300
0.25
<0.1
43
<+0.096
1N5264B
60
2.1
<170
<1400
0.25
<0.1
46
<+0.097
1N5265B
62
2.0
<185
<1400
0.25
<0.1
47
<+0.097
1N5266B
68
1.8
<230
<1600
0.25
<0.1
52
<+0.097
1N5267B
75
1.7
<270
<1700
0.25
<0.1
58
<+0.098
1) Based on DC-measurement at thermal equilibrium while maintaining the lead temperature(TL)at 30℃,
9.5mm(3/8”) from the diode body.


유사한 부품 번호 - 1N5243B

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N5243B VISHAY-1N5243B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
1N5243B VISHAY-1N5243B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5243B MCC-1N5243B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5243B VISHAY-1N5243B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Pan Jit International I...
1N5243B PANJIT-1N5243B Datasheet
81Kb / 3P
   SILICON ZENER DIODES
More results

유사한 설명 - 1N5243B

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com