전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4403 데이터시트(PDF) 4 Page - Weitron Technology

부품명 2N4403
상세설명  General Purpose Transistors PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2N4403 데이터시트(HTML) 4 Page - Weitron Technology

  2N4403 Datasheet HTML 1Page - Weitron Technology 2N4403 Datasheet HTML 2Page - Weitron Technology 2N4403 Datasheet HTML 3Page - Weitron Technology 2N4403 Datasheet HTML 4Page - Weitron Technology 2N4403 Datasheet HTML 5Page - Weitron Technology 2N4403 Datasheet HTML 6Page - Weitron Technology 2N4403 Datasheet HTML 7Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2N4403
WEITRON
http://www.weitron.com.tw
FIG. 7 Storage Time
IC , COLLECTOR CURRENT (mA)
10
20
50
70 100
200
300
500
30
100
20
70
50
200
30
IC/IB = 10
IC/IB = 20
IB1 = IB2
ts4= ts- 1/8 tf
6
8
10
0
4
2
0.1
2.0 5.0
10 20
50
1.0
0.5
0.2
0.01 0.02 0.05
100
FIG. 8 Frequency Effects
f ,FREQUENCY (kHz)
IC = 1.0 mA, RS= 430Ω
IC = 500µA, RS = 560Ω
IC = 50µA, RS = 2.7 kΩ
IC = 100µA, RS = 1.6 kΩ
RS = OPTIMUM SOURCE RESISTANCE
50
100 200
500
1 k
2 k
5 k
10 k 20 k
50 k
6
8
10
0
4
2
FIG. 9 Source Resistance Effects
RS, SOURCE RESIST ANCE (OHMS)
f = 1 kHz
IC = 50µA
100
µA
500
µA
1.0 mA
FIG.10 Current Gain
IC , COLLECTOR CURRENT (mAdc)
0.1
0.2
0.5 0.7 1.0
2.0 3.0
10
0.3
300
700
30
200
100
1000
50
5.0 7.0
2N4403 UNIT 1
2N4403 UNIT 2
500
70
FIG.11 Input Impedance
IC , COLLECTOR CURRENT (mAdc)
100 k
100
20 k
10 k
5 k
2 k
1 k
0.1
0.2
0.5 0.7 1.0
2.0 3.0
10
0.3
5.0 7.0
50 k
500
200
2N4403 UNIT 1
2N4403 UNIT 2
FIG. 12 Voltage Feedback Ratio
IC , COLLECTOR CURRENT (mAdc)
0.1
0.2
0.5 0.7 1.0
2.0 3.0
10
0.3
0.1
20
5.0 7.0
5.0
2.0
1.0
0.5
0.2
2N4403 UNIT 1
2N4403 UNIT 2
10


유사한 부품 번호 - 2N4403

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
297Kb / 6P
   General Purpose Transistors(PNP Silicon)
1996
logo
SEMTECH ELECTRONICS LTD...
2N4403 SEMTECH_ELEC-2N4403 Datasheet
333Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
Rohm
2N4403 ROHM-2N4403 Datasheet
90Kb / 4P
   PNP Medium Power Transistor (Switching)
logo
Micro Commercial Compon...
2N4403 MCC-2N4403 Datasheet
239Kb / 4P
   PNP General Purpose Amplifier
logo
Rohm
2N4403 ROHM-2N4403 Datasheet
40Kb / 1P
   PNP Medium Power Transistor (Switching)
More results

유사한 설명 - 2N4403

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com