전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F194 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74F194
상세설명  4-bit bidirectional universal shift register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F194 데이터시트(HTML) 5 Page - NXP Semiconductors

  74F194 Datasheet HTML 1Page - NXP Semiconductors 74F194 Datasheet HTML 2Page - NXP Semiconductors 74F194 Datasheet HTML 3Page - NXP Semiconductors 74F194 Datasheet HTML 4Page - NXP Semiconductors 74F194 Datasheet HTML 5Page - NXP Semiconductors 74F194 Datasheet HTML 6Page - NXP Semiconductors 74F194 Datasheet HTML 7Page - NXP Semiconductors 74F194 Datasheet HTML 8Page - NXP Semiconductors 74F194 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F194
4-bit bidirectional universal shift register
April 4, 1989
5
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VO
High level output voltage3
VCC = MIN, VIL = MAX
±10%VCC
2.5
V
VOH
High-level output voltage3
VIH = MIN, IOH = MAX
±5%VCC
2.7
3.4
V
VO
Low level output voltage
VCC = MIN, VIL = MAX
±10%VCC
0.30
0.50
V
VOL
Low-level output voltage
VIH = MIN, IOL = MAX
±5%VCC
0.30
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–0.6
mA
IOS
Short-circuit output current4
VCC = MAX
–60
–150
mA
ICC
Supply current (total)5
VCC = MAX
33
46
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Output High state will change to Low stat if an external voltage of less than 0.0V is applied.
4. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
5. With all outputs open, Di inputs grounded and a 4.5V applied to S0, S1, MR and the serial inputs, ICC is tested with a momentary ground,
then 4.5V applied to CP.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
105
150
90
MHz
tPLH
tPHL
Propagation delay
CP to Qn
Waveform 1
3.5
3.5
5.2
5.5
7.0
7.0
3.5
3.5
8.0
8.0
ns
tPHL
Propagation delay
MR to Qn
Waveform 2
4.5
8.6
12.0
4.5
14.0
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tS(H)
tS(L)
Setup time, High or Low
Dn, DSL, DSR to CP
Waveform 3
4.0
4.0
4.0
4.0
ns
th(H)
th(L)
Hold time, High or Low
Dn, DSL, DSR to CP
Waveform 3
0
0
1.0
1.0
ns
tS(H)
tS(L)
Setup time, High or Low
Sn to CP
Waveform 3
8.0
8.0
9.0
8.0
ns
th(H)
th(L)
Hold time, High or Low
Sn to CP
Waveform 3
0
0
0
0
ns
tW(H)
CP Pulse width, High
Waveform 1
5.0
5.5
ns
tW(L)
MR Pulse width, Low
Waveform 2
5.0
5.0
ns
tREC
Recovery time, MR to CP
Waveform 2
7.0
8.0
ns


유사한 부품 번호 - 74F194

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F194 NSC-74F194 Datasheet
162Kb / 8P
   4-Bit Bidirectional Universal Shift Register
logo
Fairchild Semiconductor
74F194 FAIRCHILD-74F194 Datasheet
76Kb / 7P
   4-Bit Bidirectional Universal Shift Register
74F194 FAIRCHILD-74F194 Datasheet
66Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
National Semiconductor ...
74F194PC NSC-74F194PC Datasheet
162Kb / 8P
   4-Bit Bidirectional Universal Shift Register
logo
Fairchild Semiconductor
74F194PC FAIRCHILD-74F194PC Datasheet
76Kb / 7P
   4-Bit Bidirectional Universal Shift Register
More results

유사한 설명 - 74F194

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Nexperia B.V. All right...
74HC194 NEXPERIA-74HC194 Datasheet
240Kb / 14P
   4-bit bidirectional universal shift register
Rev. 4 - 16 March 2021
logo
Hitachi Semiconductor
HD14194B HITACHI-HD14194B Datasheet
83Kb / 6P
   4-bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com