전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1616A 데이터시트(PDF) 2 Page - Weitron Technology

부품명 2SD1616A
상세설명  NPN Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SD1616A 데이터시트(HTML) 2 Page - Weitron Technology

  2SD1616A Datasheet HTML 1Page - Weitron Technology 2SD1616A Datasheet HTML 2Page - Weitron Technology 2SD1616A Datasheet HTML 3Page - Weitron Technology 2SD1616A Datasheet HTML 4Page - Weitron Technology 2SD1616A Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Current-Gain-Bandwidth Product
(IC= 100 mAdc,VCE=2.0 Vdc, f=30MHz)
fT
Cob
MHz
Collector-Emitter Saturation Voltage
(IC= 1.0 mAdc, IB= 50 mAdc)
Base-Emitter Saturation Voltage
(IC= 1.0 mAdc, IB= 50 mAdc)
hFE
hFE
VCE(sat)
VBE(sat)
Vdc
Vdc
Vdc
ON CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
Min
Max
-
-
-
0.9
0.15
-
-
100
-
-
-
2SD1616
2SD1616A
WEITRON
http://www.weitron.com.tw
(IC=100 mAdc,VCE=2.0 Vdc)
(IC=1.0 mAdc,VCE= 2.0 Vdc)
DC Current Gain
DC Current Gain
135
600
(1)
(2)
81
0.3
1.2
0.64
0.7
25
PF
160
-
-
-
-
-
-
-
-
Classification of hFE(1)
Rank
L
K
U
Range
135-270
200-400
300-600
SWITCHING CHARACTERISTICS
TYP
-
Base-Emitter on Voltage
(I =50mA,V =2.0V)
C
CE
V (on)
BE
Output Capacitance
(V =10V, I =0V, f= 1MHZ)
CB
E
(1)
(1)
(1)
Turn-On Time
Vcc =10V, Ic =100 mA
V
=2-3V
I =-I =10 mA
Storage Time
Fall Time
B1
B2
BE(OFF)
ton
0.07
0.95
0.07
ts
t f
Note:
1. Pulse Test: Pulse Width 350 us, Duty Cycle 2%.
us


유사한 부품 번호 - 2SD1616A

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SD1616A UTC-2SD1616A Datasheet
145Kb / 3P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Nanjing International G...
2SD1616A DGNJDZ-2SD1616A Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Micro Electronics
2SD1616A MICRO-ELECTRONICS-2SD1616A Datasheet
111Kb / 1P
   NPN SILICON TRANSISTOR
logo
Nanjing International G...
2SD1616A DGNJDZ-2SD1616A Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
NEC
2SD1616A NEC-2SD1616A Datasheet
156Kb / 2P
   NPN SILICON TRANSISTORS
More results

유사한 설명 - 2SD1616A

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com