전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1898 데이터시트(PDF) 4 Page - Weitron Technology

부품명 2SD1898
상세설명  Epitaxial Planar NPN Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SD1898 데이터시트(HTML) 4 Page - Weitron Technology

  2SD1898 Datasheet HTML 1Page - Weitron Technology 2SD1898 Datasheet HTML 2Page - Weitron Technology 2SD1898 Datasheet HTML 3Page - Weitron Technology 2SD1898 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WEITRON
http://www.weitron.com.tw
Dim
A
B
C
D
E
G
H
J
K
L
Min
1.400
0.320
0.360
0.350
4.400
1.400
2.300
3.940
2.900
Max
SOT-89
SOT-89 Outline Dimensions
unit:mm
B
A
H
E
J
K
G
D
C
L
1.600
0.520
0.560
0.440
4.600
1.800
2.600
4.250
3.100
1.500TYP
2SD1898


유사한 부품 번호 - 2SD1898

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1898 ROHM-2SD1898 Datasheet
89Kb / 4P
   Power Transistor (80V, 1A)
2SD1898 ROHM-2SD1898 Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Unisonic Technologies
2SD1898 UTC-2SD1898 Datasheet
123Kb / 3P
   POWER TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
2SD1898 WINNERJOIN-2SD1898 Datasheet
176Kb / 2P
   TRANSISTOR (NPN)
logo
Rohm
2SD1898 ROHM-2SD1898 Datasheet
96Kb / 5P
   Power Transistor (80V, 1A)
More results

유사한 설명 - 2SD1898

제조업체부품명데이터시트상세설명
logo
Weitron Technology
2SD1664 WEITRON-2SD1664 Datasheet
278Kb / 5P
   NPN Epitaxial Planar Transistors
2SD669 WEITRON-2SD669 Datasheet
245Kb / 5P
   NPN Epitaxial Planar Transistors
2SD2150 WEITRON-2SD2150 Datasheet
216Kb / 4P
   NPN Epitaxial Planar Transistors
LB123T WEITRON-LB123T Datasheet
328Kb / 4P
   NPN Epitaxial Planar Transistors
KTD1898 WEITRON-KTD1898 Datasheet
175Kb / 4P
   Epitaxial Planar NPN Transistors
logo
Micro Commercial Compon...
KTC3876-Y MCC-KTC3876-Y Datasheet
778Kb / 2P
   Epitaxial Planar NPN Transistors
logo
Weitron Technology
WTM2222A WEITRON-WTM2222A Datasheet
193Kb / 4P
   NPN Epitaxial Planar Transistors
BD233 WEITRON-BD233 Datasheet
180Kb / 3P
   NPN Epitaxial Planar Transistors
KTA1664 WEITRON-KTA1664 Datasheet
114Kb / 3P
   NPN Epitaxial Planar Transistors
logo
Micro Commercial Compon...
KTC3875-Y MCC-KTC3875-Y Datasheet
924Kb / 3P
   Epitaxial Planar NPN Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com