전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6218S 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF6218S
상세설명  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6218S 데이터시트(HTML) 6 Page - International Rectifier

  IRF6218S Datasheet HTML 1Page - International Rectifier IRF6218S Datasheet HTML 2Page - International Rectifier IRF6218S Datasheet HTML 3Page - International Rectifier IRF6218S Datasheet HTML 4Page - International Rectifier IRF6218S Datasheet HTML 5Page - International Rectifier IRF6218S Datasheet HTML 6Page - International Rectifier IRF6218S Datasheet HTML 7Page - International Rectifier IRF6218S Datasheet HTML 8Page - International Rectifier IRF6218S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF6218S/L
6
www.irf.com
Fig 13. On-Resistance vs. Gate Voltage
Fig 12. On-Resistance vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
vs. Drain Current
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-VGS
QG
QGS
QGD
VG
Charge
RG
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
tp
V(BR)DSS
I AS
0
2040
6080
-ID , Drain Current (A)
100
150
200
250
300
350
400
VGS = -10V
4
5
6
7
8
9
10
11
12
-VGS, Gate -to -Source Voltage (V)
0
100
200
300
400
500
600
700
800
900
1000
ID = -27A
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
700
800
900
ID
TOP
-4.6A
-6.3A
BOTTOM -16A


유사한 부품 번호 - IRF6218S

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRF6218S ISC-IRF6218S Datasheet
297Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRF6218SPBF IRF-IRF6218SPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
logo
Infineon Technologies A...
IRF6218SPBF INFINEON-IRF6218SPBF Datasheet
460Kb / 9P
   HEXFET짰 Power MOSFET
2016-5-26
logo
International Rectifier
IRF6218SPBF IRF-IRF6218SPBF_15 Datasheet
236Kb / 9P
   Low Gate to Drain Charge to Reduce Switching Losses
IRF6218STRLPBF IRF-IRF6218STRLPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
More results

유사한 설명 - IRF6218S

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com