전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54CDW 데이터시트(PDF) 1 Page - Weitron Technology

부품명 BAT54CDW
상세설명  Surface Mount Schottky Barrier Diodes Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT54CDW 데이터시트(HTML) 1 Page - Weitron Technology

  BAT54CDW Datasheet HTML 1Page - Weitron Technology BAT54CDW Datasheet HTML 2Page - Weitron Technology BAT54CDW Datasheet HTML 3Page - Weitron Technology BAT54CDW Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Schottky Barrier Diodes Arrays
* Extremely Fast Switching Speed.
* Low Forward Voltage.
* Very Small Conduction Losses.
* PN Junction Guard Ring for Transient and ESD Protection.
Mechanical Data:
* Case: SOT-363, Molded plastic.
Features:
WEITRON
WEITRON
BAT54TDW/BAT54CDW
BAT54ADW/BAT54SDW
SMALL SIGNAL
SCHOTTKY DIODES
200m AMPERES
30 VOLTS
hpp://www.weitron.com.tw
SOT-363(SC-88)
1
2
3
6 5
4
* Terminals: Solderable per MIL-STD-202, Method 208.
* Marking: See Diagrams Below & Page 3.
* Weight: 0.006 grams(approx).
SOT-363 Outline Dimensions
Unit:mm
12
3
A
K
J
M
L
65
4
B
D
H
E
C
Dim
A
B
C
D
E
H
J
K
L
M
Min
0.10
1.15
2.00
0.30
1.80
-
0.80
0.25
0.10
0.65 REF
Max
0.30
1.35
2.20
0.40
2.20
0.10
1.10
0.40
0.25
SOT-363
1/4
29-Jul-05


유사한 부품 번호 - BAT54CDW

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BAT54CDW DIODES-BAT54CDW Datasheet
83Kb / 4P
   Sub-miniature Schottky Diodes & Arrays in
logo
SeCoS Halbleitertechnol...
BAT54CDW SECOS-BAT54CDW Datasheet
494Kb / 2P
   Surface Mount Schottky Barrier Diode Array
logo
Diodes Incorporated
BAT54CDW DIODES-BAT54CDW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 7 - 2
logo
Guangdong Kexin Industr...
BAT54CDW KEXIN-BAT54CDW Datasheet
551Kb / 1P
   Schottky Diodes
logo
Diodes Incorporated
BAT54CDW DIODES-BAT54CDW Datasheet
94Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 11 - 2
More results

유사한 설명 - BAT54CDW

제조업체부품명데이터시트상세설명
logo
Weitron Technology
BAT54ADW WEITRON-BAT54ADW_11 Datasheet
342Kb / 4P
   Surface Mount Schottky Barrier Diodes Arrays
logo
Pan Jit International I...
BAS70TW PANJIT-BAS70TW_16 Datasheet
404Kb / 6P
   SURFACE MOUNT SCHOTTKY DIODES ARRAYS
logo
Diodes Incorporated
BAT54TW DIODES-BAT54TW_1 Datasheet
94Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 11 - 2
logo
Jiangsu Changjiang Elec...
FBAS40BRW JIANGSU-FBAS40BRW Datasheet
229Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS40DW-05 JIANGSU-FBAS40DW-05 Datasheet
227Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS70DW-04 JIANGSU-FBAS70DW-04 Datasheet
208Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS70TW JIANGSU-FBAS70TW Datasheet
211Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAT54CDW JIANGSU-FBAT54CDW Datasheet
182Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
logo
Diodes Incorporated
BAT54TW DIODES-BAT54TW_15 Datasheet
130Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
BAS40TW DIODES-BAS40TW_1 Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30156 Rev. 10 - 2
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com