전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54CT 데이터시트(PDF) 3 Page - Weitron Technology

부품명 BAT54CT
상세설명  Surface Mount Schottky Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT54CT 데이터시트(HTML) 3 Page - Weitron Technology

  BAT54CT Datasheet HTML 1Page - Weitron Technology BAT54CT Datasheet HTML 2Page - Weitron Technology BAT54CT Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristic curves(TA=25˚C)
WEITRON
http://www.weitron.com.tw
3/3
09-Sep-05
BAT54T/AT/CT/ST
0.001
0.01
0.1
10
100
1
0
5
10
15
20
25
30
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 3 Typical Reverse Characteristics
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 0ºC
A
0
2
4
12
10
8
6
0
10
15
5
20
30
25
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Capacitance vs. Reverse Voltage
f = 1.0MHz
0.1
1
0.01
0.001
0.0001
0
1.0
0.4
0.6
0.8
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig..2 Forward Characteristics
T = - 40°C
A
T = 125ºC
A
T = 75°C
A
T = 25°C
A
T = 0°C
A
0
100
0
25
50
75
125
100
150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1 Power Derating Curve
200


유사한 부품 번호 - BAT54CT

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BAT54CT DIODES-BAT54CT Datasheet
176Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 3 - 2
logo
ON Semiconductor
BAT54CT ONSEMI-BAT54CT Datasheet
61Kb / 4P
   Dual Series Schottky Barrier Diodes
November, 2014 ??Rev. 5
logo
Diodes Incorporated
BAT54CT DIODES-BAT54CT Datasheet
362Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 8 - 2
logo
Micro Commercial Compon...
BAT54CT MCC-BAT54CT Datasheet
308Kb / 3P
   150mWatt, 30Volt Schottky Barrier Diode
logo
Guangdong Kexin Industr...
BAT54CT KEXIN-BAT54CT Datasheet
35Kb / 1P
   Switching Diode
More results

유사한 설명 - BAT54CT

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com