전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC846AW 데이터시트(PDF) 3 Page - Weitron Technology

부품명 BC846AW
상세설명  General Purpose Transistor NPN Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC846AW 데이터시트(HTML) 3 Page - Weitron Technology

  BC846AW Datasheet HTML 1Page - Weitron Technology BC846AW Datasheet HTML 2Page - Weitron Technology BC846AW Datasheet HTML 3Page - Weitron Technology BC846AW Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WEITRON
WE IT R ON
BC846AW/BW/CW
BC847AW/BW/CW
BC848AW/BW/CW
http://www.weitron.com.tw
Figure 5. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
0.4
0.6 0.8 1.0
2.0
4.0
6.0 8.0 10
20
40
10
7.0
5.0
3.0
2.0
1.0
Cib
TA=25 C
Cob
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20
30
50
IC, COLLECTOR CURRENT (mAdc)
Figure 6. Current-Gain- Bandwidth Product
400
300
200
100
80
60
40
20
30
VCE=10V
TA= 25 C
Figure1.Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
0.2
0.5 1.0
2.0
5.0
10
20
50
100 200
2.0
1.5
1.0
0.8
0.6
0.4
0.3
0.2
VCE=10V
TA=25 C
Firure2. "Saturation" And "On" Voltage
IC, COLLECTOR CURRENT (mAdc)
0.1
0.2 0.3 0.5 0.7 1.0
2.0 3.0 5.0 7.0 10
20 30 50 70 100
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
TA=25 C
VBE(sat)@IC/BC=10
VBE(ON)@VCE= 10V
VCE(sat)@IC/BC=10
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
TA=25 C
IC= 200mA
IC=-50mA
IC= 20mA
IC=
10mA
IC= 100mA
0.02
0.1
1.0
10
20
2.0
1.6
1.2
0.8
0.4
0
-55 C to +125 C
1.0
1.2
1.6
2.0
2.4
2.8
0.2
1.0
10
100
IC, COLLECTOR CURRENT (mA)
Figure 4. Base-Emitter Temperature Coefficient
BC847 & BC848 Series


유사한 부품 번호 - BC846AW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC846AW PHILIPS-BC846AW Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
logo
SeCoS Halbleitertechnol...
BC846AW SECOS-BC846AW Datasheet
903Kb / 4P
   NPN Plastic Encapsulate Transistor
logo
Diotec Semiconductor
BC846AW DIOTEC-BC846AW Datasheet
126Kb / 2P
   SMD General Purpose NPN Transistors
logo
Siemens Semiconductor G...
BC846AW SIEMENS-BC846AW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Micro Commercial Compon...
BC846AW MCC-BC846AW Datasheet
671Kb / 5P
   NPN General Purpose Transistors
More results

유사한 설명 - BC846AW

제조업체부품명데이터시트상세설명
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com