전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14LC5480DW 데이터시트(PDF) 11 Page - Freescale Semiconductor, Inc

부품명 MC14LC5480DW
상세설명  5 V PCM Codec-Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14LC5480DW 데이터시트(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC14LC5480DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14LC5480DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14LC5480DW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC14LC5480DW Datasheet HTML 10Page - Freescale Semiconductor, Inc MC14LC5480DW Datasheet HTML 11Page - Freescale Semiconductor, Inc MC14LC5480DW Datasheet HTML 12Page - Freescale Semiconductor, Inc MC14LC5480DW Datasheet HTML 13Page - Freescale Semiconductor, Inc MC14LC5480DW Datasheet HTML 14Page - Freescale Semiconductor, Inc MC14LC5480DW Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ANALOG ELECTRICAL CHARACTERISTICS (VDD = + 5 V ± 5%, VSS = 0 V, TA = – 40 to + 85°C)
Characteristics
Min
Typ
Max
Unit
Input Current
TI+, TI–
± 0.1
± 1.0
µA
Input Resistance to VAG (VAG – 0.5 V ≤ Vin ≤ VAG + 0.5 V)
TI+, TI–
10
M
Input Capacitance
TI+, TI–
10
pF
Input Offset Voltage of TG Op Amp
TI+, TI–
± 5
mV
Input Common Mode Voltage Range
TI+, TI–
1.2
VDD – 2.0
V
Input Common Mode Rejection Ratio
TI+, TI–
60
dB
Gain Bandwidth Product (10 kHz) of TG Op Amp (RL ≥ 10 kΩ)
3000
kHz
DC Open Loop Gain of TG Op Amp (RL ≥ 10 kΩ)
95
dB
Equivalent Input Noise (C–Message) Between TI+ and TI– at TG
–30
dBrnC
Output Load Capacitance for TG Op Amp
0
100
pF
Output Voltage Range for TG
(RL = 10 kΩ to VAG)
(RL = 2 kΩ to VAG)
0.5
1.0
VDD – 0.5
VDD – 1.0
V
Output Current (0.5 V
≤ Vout ≤ VDD – 0.5 V)
TG, RO+, RO–
± 1.0
mA
Output Load Resistance to VAG
TG, RO+, and RO–
2
k
Output Impedance (0 to 3.4 kHz)
RO+ or RO–
1
Output Load Capacitance
RO+ or RO–
0
500
pF
DC Output Offset Voltage of RO+ or RO– Referenced to VAG
± 25
mV
VAG Output Voltage Referenced to VSS (No Load)
2.2
2.4
2.6
V
VAG Output Current with ± 25 mV Change in Output Voltage
± 2.0
± 10
mA
Power Supply Rejection Ratio
Transmit
(0 to 100 kHz @100 mVrms Applied to VDD,
Receive
C–Message Weighting, All Analog Signals
Referenced to VAG Pin)
50
50
80
75
dBC
Power Drivers PI, PO+, PO–
Input Current (VAG – 0.5 V ≤ PI ≤ VAG + 0.5 V)
PI
± 0.05
± 1.0
µA
Input Resistance (VAG – 0.5 V ≤ PI ≤ VAG + 0.5 V)
PI
10
M
Input Offset Voltage
PI
± 20
mV
Output Offset Voltage of PO+ Relative to PO– (Inverted Unity Gain for PO–)
± 50
mV
Output Current (VSS + 0.7 V ≤ PO+ or PO– ≤ VDD – 0.7 V)
± 10
mA
PO+ or PO– Output Resistance (Inverted Unity Gain for PO–)
1
Gain Bandwidth Product (10 kHz, Open Loop for PO–)
1000
kHz
Load Capacitance (PO+ or PO– to VAG, or PO+ to PO–)
0
1000
pF
Gain of PO+ Relative to PO– (RL = 300 Ω, + 3 dBm0, 1 kHz)
– 0.2
0
+ 0.2
dB
Total Signal to Distortion at PO+ and PO– with a 300
Ω Differential Load
45
60
dBC
Power Supply Rejection Ratio
0 to 4 kHz
(0 to 25 kHz @ 100 mVrms Applied to VDD.
4 to 25 kHz
PO– Connected to PI. Differential or Measured
Referenced to VAG Pin.)
40
55
40
dB
NOTE: Bold type indicates a change from the MC145480 to the MC14LC5480.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC14LC5480DW

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
MC14LC5447DW MOTOROLA-MC14LC5447DW Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
MC14LC5447P MOTOROLA-MC14LC5447P Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
More results

유사한 설명 - MC14LC5480DW

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
XC145481 MOTOROLA-XC145481 Datasheet
88Kb / 4P
   3 V PCM Codec-Filter
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com