전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N137-X007 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 6N137-X007
상세설명  High Speed Optocoupler, 10 Mbd
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137-X007 데이터시트(HTML) 5 Page - Vishay Siliconix

  6N137-X007 Datasheet HTML 1Page - Vishay Siliconix 6N137-X007 Datasheet HTML 2Page - Vishay Siliconix 6N137-X007 Datasheet HTML 3Page - Vishay Siliconix 6N137-X007 Datasheet HTML 4Page - Vishay Siliconix 6N137-X007 Datasheet HTML 5Page - Vishay Siliconix 6N137-X007 Datasheet HTML 6Page - Vishay Siliconix 6N137-X007 Datasheet HTML 7Page - Vishay Siliconix 6N137-X007 Datasheet HTML 8Page - Vishay Siliconix 6N137-X007 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
6N137 / VO2601 / 11 / VO2630 / 31 / VO4661
Document Number 84732
Rev. 1.0, 07-Jun-05
Vishay Semiconductors
www.vishay.com
5
Common Mode Transient Immunity
1) For 6N137 and VO2630
2) For VO2601 and VO2631
3) For VO2611 and VO4661
Figure 3. Single Channel Test Circuit for tEHL and tELH
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Common mode
transient immunity
(high)
|VCM| = 10 V, VCC = 5 V, IF = 0 mA,
VO(min) = 2 V, RL = 350 Ω, Tamb = 25 °C
1)
| CMH |100
V/
µs
|VCM| = 50 V, VCC = 5 V, IF = 0 mA,
VO(min) = 2 V, RL = 350 Ω, Tamb = 25 °C
2)
| CMH |
5000
10000
V/
µs
|VCM| = 1 kV, VCC = 5 V, IF = 0 mA,
VO(min) = 2 V, RL = 350 Ω, Tamb = 25 °C
3)
| CMH |
10000
15000
V/
µs
|VCM| = 10 V, VCC = 5 V, IF = 7.5 mA,
VO(max) = 0.8 V, RL = 350 Ω, Tamb = 25 °C
1)
| CML |100
V/
µs
|VCM| = 50 V, VCC = 5 V, IF = 7.5 mA,
VO(max) = 0.8 V, RL = 350 Ω, Tamb = 25 °C
2)
| CML |
5000
10000
V/
µs
|VCM| = 1 kV, VCC = 5 V, IF = 7.5 mA,
VO(max) = 0.8 V, RL = 350 Ω, Tamb = 25 °C
3)
| CML |
10000
15000
V/
µs
1
2
3
4
8
7
6
5
18975-2
The Probe and Jig Capacitances are includedinC
InputVE
OutputVO
tEHL
tELH
C = 15 pF
GND
0.1
µF
Bypass
VCC
VOUT
VCC
IF
RL
OutputVO
Monitoring
Node
L
Single Channel
Pulse Gen.
Z= 50
t = t =5ns
o
f
r
L
7.5 mA
InputV
Monitoring Node
E
3V
1.5 V
1.5 V
VE
Figure 4. Single Channel Test Circuit for Common Mode Transient Immunity
VCM(PEAK)
Switch AT A: I
0 mA
F
Switch AT A:
7.5 mA
F
VO(min.
VO(max.)
0V
5V
V
VCM
VO
VO 0.5
CMH
CML
1
2
3
4
8
7
6
5
18976-2
GND
0.1
µF
Bypass
VCC
VOUT
VCC
RL
OutputVO
Monitoring
Node
+
-
VCM
Single Channel
B
A
VFF
IF
Pulse Generator
Z= 50
O
VE
)
=
I =


유사한 부품 번호 - 6N137-X007

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
6N137-X007 VISHAY-6N137-X007 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137-X007 VISHAY-6N137-X007 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137-X007T VISHAY-6N137-X007T Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
6N137-X007T VISHAY-6N137-X007T Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results

유사한 설명 - 6N137-X007

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com