전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N137-X007 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 6N137-X007
상세설명  High Speed Optocoupler, 10 Mbd
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137-X007 데이터시트(HTML) 3 Page - Vishay Siliconix

  6N137-X007 Datasheet HTML 1Page - Vishay Siliconix 6N137-X007 Datasheet HTML 2Page - Vishay Siliconix 6N137-X007 Datasheet HTML 3Page - Vishay Siliconix 6N137-X007 Datasheet HTML 4Page - Vishay Siliconix 6N137-X007 Datasheet HTML 5Page - Vishay Siliconix 6N137-X007 Datasheet HTML 6Page - Vishay Siliconix 6N137-X007 Datasheet HTML 7Page - Vishay Siliconix 6N137-X007 Datasheet HTML 8Page - Vishay Siliconix 6N137-X007 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
6N137 / VO2601 / 11 / VO2630 / 31 / VO4661
Document Number 84732
Rev. 1.0, 07-Jun-05
Vishay Semiconductors
www.vishay.com
3
Recommended Operating Conditions
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Operating temperature
Tamb
- 40
100
°C
Supply voltage
VCC
4.5
5.5
V
Input current low level
IFL
0
250
µA
Input current high level
IFH
515
mA
Logic high enable voltage
VEH
2.0
VCC
V
Logic low enable voltage
VEL
0.0
0.8
V
Output pull up resistor
RL
330
4 K
Fanout
RL = 1 kΩ
N5
-
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Input forward voltage
IF = 10 mA
VF
1.1
1.4
1.7
V
Reverse current
VR = 5.0 V
IR
0.01
10
µA
Input capacitance
f = 1 MHz, VF = 0 V
CI
55
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
High level supply
current (single
channel)
VE = 0.5 V, IF = 0 mA
ICCH
4.1
7.0
mA
VE = VCC, IF = 0 mA
ICCH
3.3
6.0
mA
High level supply
current (dual
channel)
IF = 0 mA
ICCH
6.9
12.0
mA
Low level supply
current (single
channel)
VE = 0.5 V, IF = 10 mA,
ICCL
4.0
7.0
mA
VE = VCC, IF = 10 mA
ICCL
3.3
6.0
mA
Low level supply
current (dual
channel)
IF = 10 mA
ICCL
6.5
12.0
mA
High level output
current
VE = 2.0 V, VO = 5.5 V, IF = 250 µAIOH
0.002
1
µA
Low level output
voltage
VE = 2.0 V, IF = 5 mA,
IOL (sinking) = 13 mA
VOL
0.2
0.6
V
Input treshold
current
VE = 2.0 V, VO = 5.5 V,
IOL (sinking) = 13 mA
ITH
2.4
5.0
mA
High level enable
current
VE = 2.0 V
IEH
- 0.6
- 1.6
mA
Low level enable
current
VE = 0.5 V
IEL
- 0.8
- 1.6
mA
High level enable
voltage
VEH
2.0
V
Low level enable
voltage
VEL
0.8
V


유사한 부품 번호 - 6N137-X007

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
6N137-X007 VISHAY-6N137-X007 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137-X007 VISHAY-6N137-X007 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137-X007T VISHAY-6N137-X007T Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
6N137-X007T VISHAY-6N137-X007T Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results

유사한 설명 - 6N137-X007

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com