전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSQ6.3 데이터시트(PDF) 1 Page - Bel Fuse Inc.

부품명 SSQ6.3
상세설명  Square Ceramic Surface Mount Quick Acting Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BEL [Bel Fuse Inc.]
홈페이지  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SSQ6.3 데이터시트(HTML) 1 Page - Bel Fuse Inc.

  SSQ6.3 Datasheet HTML 1Page - Bel Fuse Inc. SSQ6.3 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE PAGES 67 & 68
Approvals
Environmental Specification
Soldering Techniques & Compatibility
Reflow: Industrial standard, 240
°C peak
Wave Solder: 260ºC, 20 sec max. (MIL-STD202, Method 210)
Operating Temperature
-55ºC to +125ºC
Shock
MIL-STD-202, Method 213,Test Condition I
(100 G's peak for 6 milliseconds)
Vibration
MIL-STD-202, Method 201 (10-55 Hz, 0.06 inch, total
excursion)
Salt Spray
MIL-STD-202, Method 101,Test Condition B (48Hrs)
Insulation Resistance
MIL-STD-202, Method 302,Test Condition A
(After Opening) 10,000 ohms minimum
Solderability
MIL-STD-202, Method 208
Resistance to Solder Heat
MIL-STD-202, Method 210,Test Condition F
(20 sec, at 260ºC)
Thermal Shock:
MIL-STD-202, Method 107,Test Condition B
(-65ºC to +125ºC)
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Sy
t
il
i
b
a
.
R
.
I
@
t
l
o
V
/
e
g
n
a
r
p
m
A
2
7
7
9
3
R
L
.
o
N
e
li
F
d
e
if
it
r
e
CV
5
2
1
/
A
7
-
A
m
0
0
1C
A
A
0
5
@
4
2
6
0
2
E
.
o
N
e
li
F
d
e
t
si
L
V
5
2
1
/
A
7
-
A
m
0
0
1
V
6
8
V
5
2
1
V
5
2
1
/
A
2
1
-
A
1
.
7
V
6
8
r
o
C
A
A
0
5
@
r
o
C
D
A
0
0
0
,
0
1
@
C
D
A
0
0
3
@
r
o
C
A
A
0
5
@
C
D
A
0
0
0
,
0
1
@
4
2
6
0
2
E
.
o
N
e
li
F
d
e
z
i
n
g
o
c
e
R
V
6
8
/
A
5
1C
D
A
0
0
0
,
0
1
@
SSQD0104
Type SSQ
Square Ceramic Surface Mount Quick Acting Fuse
Electrical Characteristics (UL/CSA STD.248-14)
g
n
it
s
e
T
t
n
e
r
r
u
c
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
1.s
r
H
4A
/
N
%
0
0
2A
/
Nc
e
S
5
r
Vßc
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
i
t
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
t
l
o
V
%
0
0
1
@
n
I
.
x
a
m
)
t
l
o
V
(
I
g
n
i
t
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
i
t
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
i
t
a
p
i
s
s
i
D
)
W
(
0
5
2
Q
S
SA
m
0
5
25
6
.
0
0
3
.
0
2
0
.
01
0
.
07
0
.
0
5
7
3
Q
S
SA
m
5
7
36
3
.
0
5
2
.
0
4
0
.
03
0
.
09
0
.
0
0
0
5
Q
S
SA
m
0
0
54
2
.
0
2
2
.
0
7
0
.
06
0
.
01
1
.
0
0
5
7
Q
S
SA
m
0
5
75
1
.
0
7
1
.
0
1
1
.
07
0
.
03
1
.
0
1
Q
S
SA
11
1
.
0
7
1
.
0
9
1
.
04
1
.
07
1
.
0
5
2
.
1
Q
S
SA
5
2
.
19
0
.
0
6
1
.
0
3
3
.
04
2
.
00
2
.
0
5
.
1
Q
S
SA
5
.
17
0
.
0
5
1
.
0
7
5
.
01
4
.
03
2
.
0
2
Q
S
SA
25
0
.
0
5
1
.
0
0
.
18
.
00
3
.
0
5
.
2
Q
S
SA
5
.
28
3
0
.
0
4
1
.
0
7
.
14
.
16
3
.
0
3
Q
S
SA
38
2
0
.
0
3
1
.
0
0
.
34
.
23
4
.
0
5
.
3
Q
S
SA
5
.
35
2
0
.
0
3
1
.
0
9
.
33
.
37
4
.
0
4
Q
S
SA
42
2
0
.
0
3
1
.
0
1
.
54
.
41
5
.
0
5
Q
S
SA
56
1
0
.
0
2
1
.
0
8
.
88
.
72
6
.
0
3
.
6
Q
S
SA
3
.
62
1
0
.
02
1
.
05
14
14
7
.
0
7
Q
S
SA
71
1
0
.
04
1
1
.
00
29
11
8
.
0
8
Q
S
SA
89
0
0
.
02
1
1
.
06
25
29
8
.
0
0
1
Q
S
SA
0
17
0
0
.
07
0
1
.
06
44
47
0
.
1
2
1
Q
S
S
A
2
16
0
0
.
03
0
1
.
00
79
64
2
.
1
5
1
Q
S
S
A
5
14
0
0
.
08
9
0
.
01
2
14
2
14
5
.
1
Consult manufacturer for other ratings
Physical Specification
Materials
Ceramic body / Palladium Plated Brass Caps
Marking
On fuse:
“Current Rating” in black color,“bel” stamped on end caps
On label:
“bel”,“SSQ”,“Current Rating”,“Voltage Rating”, Interrupting Rating,
c“ plus “Appropriate Safety Logos”
Packaging
5,000 fuses in 13 inches dia. reel, 12mm wide tape, 4mm pitch,
per EIA Standard 481
Mechanical Dimensions
SSQ
2.54
±0.10mm
(0.100"
±0.004")
6.10
±0.25mm
(0.240"
±0.010")
7
1.35
±0.10mm
(0.053"
±0.004")
2.54
±0.10mm
(0.100"
±0.004")
bel
3.18mm
(0.125")
3.0mm(0.12")
Recommended pad layout
2.0mm(0.08")
2410 Size
11
ß
V
r


유사한 부품 번호 - SSQ6.3

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
SSQ6.3 BEL-SSQ6.3 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
SSQ6.3 BEL-SSQ6.3 Datasheet
649Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
More results

유사한 설명 - SSQ6.3

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
0679L BEL-0679L Datasheet
1Mb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
0679L0250-XX BEL-0679L0250-XX Datasheet
895Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ BEL-SSQ_12 Datasheet
649Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
0679H BEL-0679H_17 Datasheet
1Mb / 4P
   SQUARE CERAMIC SURFACE MOUNT QUICK ACTING FUSE
0679H0250-XX BEL-0679H0250-XX Datasheet
910Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
0679H BEL-0679H Datasheet
1Mb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ250 BEL-SSQ250_1 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
2JQ BEL-2JQ_13 Datasheet
1Mb / 4P
   QUICK ACTING FUSE SERIES
2JQ BEL-2JQ Datasheet
99Kb / 2P
   Quick Acting Fuse Series
5HF BEL-5HF_16 Datasheet
1Mb / 4P
   Quick Acting Fuse Series
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com