전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2832 데이터시트(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM2832
상세설명  High Frequency 2.0A Load - Step-Down DC-DC Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2832 데이터시트(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2832 Datasheet HTML 5Page - National Semiconductor (TI) LM2832 Datasheet HTML 6Page - National Semiconductor (TI) LM2832 Datasheet HTML 7Page - National Semiconductor (TI) LM2832 Datasheet HTML 8Page - National Semiconductor (TI) LM2832 Datasheet HTML 9Page - National Semiconductor (TI) LM2832 Datasheet HTML 10Page - National Semiconductor (TI) LM2832 Datasheet HTML 11Page - National Semiconductor (TI) LM2832 Datasheet HTML 12Page - National Semiconductor (TI) LM2832 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Typical Performance Characteristics All curves taken at VIN = 5.0V with configuration in typical
application circuit shown in Application Information section of this datasheet. T
J = 25˚C, unless otherwise
specified. (Continued)
Line Regulation
Vo = 1.8V, Io = 500mA
V
FB vs Temperature
20197553
20197527
Gain vs Frequency
(Vin = 5V, Vo = 1.2V @ 1A)
Phase Plot vs Frequency
(Vin = 5V, Vo = 1.2V @ 1A)
20197556
20197557
www.national.com
9


유사한 부품 번호 - LM2832

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832XMY TI1-LM2832XMY Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832XMY/NOPB TI1-LM2832XMY/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832XSD/NOPB TI1-LM2832XSD/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
More results

유사한 설명 - LM2832

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
logo
Chip Advanced Technolog...
CAT7105 CAT-CAT7105 Datasheet
758Kb / 12P
   2.0A High Efficiency Step-Down DC/DC Converter
May-2007 Rev:0.94
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com