전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FY4AEJ-03 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 FY4AEJ-03
상세설명  HIGH-SPEED SWITCHING USE Nch/Pch POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FY4AEJ-03 데이터시트(HTML) 3 Page - Renesas Technology Corp

  FY4AEJ-03 Datasheet HTML 1Page - Renesas Technology Corp FY4AEJ-03 Datasheet HTML 2Page - Renesas Technology Corp FY4AEJ-03 Datasheet HTML 3Page - Renesas Technology Corp FY4AEJ-03 Datasheet HTML 4Page - Renesas Technology Corp FY4AEJ-03 Datasheet HTML 5Page - Renesas Technology Corp FY4AEJ-03 Datasheet HTML 6Page - Renesas Technology Corp FY4AEJ-03 Datasheet HTML 7Page - Renesas Technology Corp FY4AEJ-03 Datasheet HTML 8Page - Renesas Technology Corp FY4AEJ-03 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
Aug. 1999
30
1.0
V
µA
mA
V
m
m
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
ns
MITSUBISHI POWER MOSFET
FY4AEJ-03
HIGH-SPEED SWITCHING USE
Nch/Pch POWER MOSFET
ID = 1mA, VGS = 0V
VGS =
±20V, VDS = 0V
VDS = 30V, VGS = 0V
ID = 1mA, VDS = 10V
ID = 4A, VGS = 10V
ID = 2A, VGS = 4V
ID = 4A, VDS = 10V
VDS = 10V, VGS = 0V, f = 1MHz
VDD = 15V, ID = 2A, VGS = 10V, RGEN = RGS = 50
IS = 1.7A, VGS = 0V
Channel to ambiet
IS = 1.7A, dis/dt = –50A/
µs
1.5
23
40
8
550
220
115
12
20
40
40
0.75
100
±0.1
0.1
2.0
30
55
1.10
78.1
–30
–1.5
V
µA
mA
V
m
m
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
ns
ID = 1mA, VGS = 0V
VGS =
±20V, VDS = 0V
VDS = –30V, VGS = 0V
ID = –1mA, VDS = –10V
ID = –4A, VGS = –10V
ID = –2A, VGS = –4V
ID = –4A, VDS = –10V
VDS = –10V, VGS = 0V, f = 1MHz
VDD = –15V, ID = –2A, VGS = –10V, RGEN = RGS = 50
IS = –1.7A, VGS = 0V
Channel to ambiet
IS = –1.7A, dis/dt = 50A/
µs
–2.0
60
115
6
680
180
90
10
15
50
30
–0.88
70
±0.1
–0.1
–2.5
80
180
–1.20
78.1
Drain-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Reverse recovery time
Symbol
Parameter
Test conditions
V (BR) DSS
IGSS
IDSS
VGS (th)
rDS (ON)
rDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-a)
trr
Drain-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Reverse recovery time
Symbol
Parameter
Test conditions
V (BR) DSS
IGSS
IDSS
VGS (th)
rDS (ON)
rDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-a)
trr
Limits
Min.
Typ.
Max.
Unit
Limits
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tch = 25
°C)
N-ch
P-ch


유사한 부품 번호 - FY4AEJ-03

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
FY4ADJ-03A MITSUBISHI-FY4ADJ-03A Datasheet
38Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FY4ADJ-03A POWEREX-FY4ADJ-03A Datasheet
43Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FY4ADJ-03A RENESAS-FY4ADJ-03A Datasheet
195Kb / 5P
   MITSUBISHI Pch POWER MOSFET HIGH-SPEED SWITCHING USE
More results

유사한 설명 - FY4AEJ-03

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
FY5AEJ-03 RENESAS-FY5AEJ-03_15 Datasheet
138Kb / 11P
   HIGH-SPEED SWITCHING USE Nch/Pch POWER MOSFET
FY5AEJ-03 RENESAS-FY5AEJ-03 Datasheet
114Kb / 9P
   MITSUBISHI POWER MOSFET HIGH-SPEED SWITCHING USE Nch/Pch POWER MOSFET
logo
Powerex Power Semicondu...
FX30KMJ-2 POWEREX-FX30KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-03 POWEREX-FX50KMJ-03 Datasheet
55Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30KMJ-3 POWEREX-FX30KMJ-3 Datasheet
55Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50SMJ-2 POWEREX-FX50SMJ-2 Datasheet
63Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX6KMJ-2 POWEREX-FX6KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX3ASJ-3 POWEREX-FX3ASJ-3 Datasheet
50Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-06 POWEREX-FX50KMJ-06 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX20KMJ-2 POWEREX-FX20KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com