전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL94-025-028 데이터시트(PDF) 2 Page - DB Lectro Inc

부품명 TL94-025-028
상세설명  CHASSIS MOUNT TRANSFORMER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DBLECTRO [DB Lectro Inc]
홈페이지  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL94-025-028 데이터시트(HTML) 2 Page - DB Lectro Inc

  TL94-025-028 Datasheet HTML 1Page - DB Lectro Inc TL94-025-028 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHASSIS MOUNT
TRANSFORMER
Secondary RMS Rating
Product
Series
Part Number
Input Voltage
(V)
Series
Parallel
25VA
TL94-025-010
TL94-025-012
TL94-025-016
TL94-025-020
TL94-025-024
TL94-025-028
TL94-025-036
TL94-025-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
230V C.T.
@2.5A
@2.0A
@1.6A
@1.25A
@1.0A
@0.9A
@0.7A
@0.11A
5V
6.3V
8V
10V
12V
14V
18V
115V
@5.0A
@4.0A
@3.2A
@2.5A
@2.0A
@1.86A
@1.4A
@0.22A
43VA
TL94-043-010
TL94-043-012
TL94-043-016
TL94-043-020
TL94-043-024
TL94-043-028
TL94-043-036
TL94-043-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
230V C.T.
@4.3A
@3.4A
@2.7A
@2.2A
@1.8A
@1.5A
@1.2A
@0.19A
5V
6.3V
8V
10V
12V
14V
18V
115V
@8.6A
@6.8A
@5.4A
@4.4A
@3.6A
@3.0A
@2.4A
@0.38A
80VA
TL94-080-010
TL94-080-012
TL94-080-016
TL94-080-020
TL94-080-024
TL94-080-028
TL94-080-036
TL94-080-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
230V C.T.
@8.0A
@6.3A
@5.0A
@4.0A
@3.3A
@2.8A
@2.2A
@0.35A
5V
6.3V
8V
10V
12V
14V
18V
115V
@16.0A
@12.6A
@10.0A
@8.0A
@6.6A
@5.6A
@4.4A
@0.7A
130VA
TL94-130-010
TL94-130-012
TL94-130-016
TL94-130-020
TL94-130-024
TL94-130-028
TL94-130-036
TL94-130-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
230V C.T.
@13.0A
@10.3A
@8.1A
@6.5A
@5.4A
@4.6A
@3.6A
@0.57A
5V
6.3V
8V
10V
12V
14V
18V
115V
@26.0A
@20.6A
@16.2A
@13.0A
@10.8A
@9.2A
@7.2A
@1.14A
175VA
TL94-175-010
TL94-175-012
TL94-175-016
TL94-175-020
TL94-175-024
TL94-175-028
TL94-175-036
TL94-175-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
230V C.T.
@17.5A
@14.0A
@11.0A
@8.8A
@7.3A
@6.25A
@4.8A
@0.76A
5V
6.3V
8V
10V
12V
14V
18V
115V
@35.0A
@28.0A
@22.0A
@17.6A
@14.6A
@12.5A
@9.6A
@1.52A
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
DB LECTRO Inc.


유사한 부품 번호 - TL94-025-028

제조업체부품명데이터시트상세설명
logo
Fluke Corporation
TL940 FLUKE-TL940 Datasheet
114Kb / 3P
   Fluke TL940 Mini-Hook Test Leads
11/2021
More results

유사한 설명 - TL94-025-028

제조업체부품명데이터시트상세설명
logo
TRIAD MAGNETICS
F-211Z TRIAD-F-211Z Datasheet
41Kb / 1P
   Chassis Mount: Control Transformer
F-212Z TRIAD-F-212Z Datasheet
41Kb / 1P
   Chassis Mount: Control Transformer
F-214U TRIAD-F-214U Datasheet
42Kb / 1P
   Chassis Mount: Control Transformer
F-107Z TRIAD-F-107Z Datasheet
41Kb / 1P
   Chassis Mount: Control Transformer
F-109U TRIAD-F-109U Datasheet
42Kb / 1P
   Chassis Mount: Control Transformer
F-400U TRIAD-F-400U Datasheet
42Kb / 1P
   Chassis Mount: Control Transformer
F-399U TRIAD-F-399U Datasheet
42Kb / 1P
   Chassis Mount: Control Transformer
F-108U TRIAD-F-108U Datasheet
49Kb / 1P
   Chassis Mount: Control Transformer
F-213Z TRIAD-F-213Z Datasheet
40Kb / 1P
   Chassis Mount: Control Transformer
F-215U TRIAD-F-215U Datasheet
72Kb / 1P
   Chassis Mount: Control Transformer
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com