전자부품 데이터시트 검색엔진 |
|
TL94-043-010 데이터시트(PDF) 1 Page - DB Lectro Inc |
|
TL94-043-010 데이터시트(HTML) 1 Page - DB Lectro Inc |
1 / 2 page CHASSIS MOUNT TRANSFORMER TL94 Series • Power – 25VA to 175VA • Dielectric Strength – 4000Vrms • Primary – Dual primary (115V/230V 50/60Hz) • Secondary – Series or parallel • Terminal – Solder lug / quick-connect type terminal • Insulation Class – Class F (155°C) • Flammability Rating – UL94V-0 (bobbin) • Safety Approvals – UL506, CSA C22.2 #66 , TUV / EN60950 & CE #6 #1 #5 #2 #12 #7 #8 #11 G F A B C E D #1 115V 50/60 Hz 115V 50/60 Hz #5 #2 #6 SEC 1 SEC 2 #7 #8 #11 #12 #7 #1 #6 #2 #5 SEC 2 115V 115V 50/60 Hz 50/60 Hz #8 SEC 1 #11 #12 #5 #4 #3 #2 #1 #7 #8 #9 #10 #11 #6 #12 G H F B A C D E MOUNTING STYLE A MOUNTING STYLE B Dimensions (mm) Mtg. Mtg. Product Series A B C D E F G H Style Screw 25 (VA) 49.8 60.0 47.6 28.6 7.9 4.75 60.3 -- A #6 43 (VA) 57.2 69.2 52.3 28.6 7.9 4.75 71.4 -- A #6 80 (VA) 63.5 76.2 60.3 35.5 7.9 4.75 50.8 55.5 B #6 130 (VA) 71.5 85.8 73.0 41.5 9.5 6.35 57.2 63.5 B #8 175 (VA) 80.0 96.0 79.0 41.5 9.5 6.35 64.0 64.0 B #8 Note: 1) The Mtg. Screw size is the maximum allowable screw size. 2) Unused terminals are omitted for standard parts. Unused terminals can be provided on request. 3) For 25VA & 43VA series, maximum 10 terminals are available. 4) For 80VA to 175VA series, maximum 12 terminals are available. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com DB LECTRO Inc. |
유사한 부품 번호 - TL94-043-010 |
|
유사한 설명 - TL94-043-010 |