전자부품 데이터시트 검색엔진 |
|
TL35-0150-024 데이터시트(PDF) 4 Page - DB Lectro Inc |
|
TL35-0150-024 데이터시트(HTML) 4 Page - DB Lectro Inc |
4 / 5 page TOROIDAL TRANSFORMER Secondary RMS Rating Product Series Part Number Input Voltage (V) Series Parallel 100VA TL35-1000-018 TL35-1000-020 TL35-1000-024 TL35-1000-030 TL35-1000-036 TL35-1000-044 TL35-1000-048 TL35-1000-060 TL35-1000-070 TL35-1000-076 TL35-1000-110 TL35-1000-230 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 18V C.T. 20V C.T. 24V C.T. 30V C.T. 36V C.T. 44V C.T. 48V C.T. 60V C.T. 70V C.T. 76V C.T. 110V C.T. 230V C.T. @5.55A @5.00A @4.16A @3.33A @2.77A @2.27A @2.08A @1.66A @1.42A @1.31A @0.90A @0.43A 9V 10V 12V 15V 18V 22V 24V 30V 35V 38V 55V 115V @11.10A @10.00A @8.32A @6.66A @5.54A @4.54A @4.16A @3.32A @2.84A @2.62A @1.80A @0.86A 120VA TL35-1200-018 TL35-1200-020 TL35-1200-024 TL35-1200-030 TL35-1200-036 TL35-1200-044 TL35-1200-048 TL35-1200-060 TL35-1200-070 TL35-1200-076 TL35-1200-110 TL35-1200-230 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 18V C.T. 20V C.T. 24V C.T. 30V C.T. 36V C.T. 44V C.T. 48V C.T. 60V C.T. 70V C.T. 76V C.T. 110V C.T. 230V C.T. @6.66A @6.00A @5.00A @4.00A @3.33A @2.72A @2.50A @2.00A @1.71A @1.57A @1.09A @0.52A 9V 10V 12V 15V 18V 22V 24V 30V 35V 38V 55V 115V @13.32A @12.00A @10.00A @8.00A @6.66A @5.44A @5.00A @4.00A @3.42A @3.14A @2.18A @1.04A 160VA TL35-1600-020 TL35-1600-024 TL35-1600-030 TL35-1600-036 TL35-1600-044 TL35-1600-048 TL35-1600-060 TL35-1600-070 TL35-1600-076 TL35-1600-110 TL35-1600-230 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 20V C.T. 24V C.T. 30V C.T. 36V C.T. 44V C.T. 48V C.T. 60V C.T. 70V C.T. 76V C.T. 110V C.T. 230V C.T. @8.00A @6.66A @5.33A @4.44A @3.63A @3.33A @2.66A @2.28A @2.10A @1.45A @0.69A 10V 12V 15V 18V 22V 24V 30V 35V 38V 55V 115V @16.00A @13.33A @10.66A @8.88A @7.26A @6.66A @5.32A @4.56A @4.20A @2.90A @1.38A 200VA TL35-2000-024 TL35-2000-030 TL35-2000-036 TL35-2000-044 TL35-2000-048 TL35-2000-060 TL35-2000-070 TL35-2000-076 TL35-2000-110 TL35-2000-230 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 24V C.T. 30V C.T. 36V C.T. 44V C.T. 48V C.T. 60V C.T. 70V C.T. 76V C.T. 110V C.T. 230V C.T. @8.33A @6.66A @5.55A @4.54A @4.16A @3.33A @2.85A @2.63A @1.81A @0.86A 12V 15V 18V 22V 24V 30V 35V 38V 55V 115V @16.66A @13.32A @11.10A @9.08A @8.32A @6.66A @5.70A @5.26A @3.62A @1.72A DB LECTRO Inc. 3600 boul. Matte suite i Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com |
유사한 부품 번호 - TL35-0150-024 |
|
유사한 설명 - TL35-0150-024 |