전자부품 데이터시트 검색엔진 |
|
TL94-130-024 데이터시트(PDF) 2 Page - DB Lectro Inc |
|
TL94-130-024 데이터시트(HTML) 2 Page - DB Lectro Inc |
2 / 2 page CHASSIS MOUNT TRANSFORMER Secondary RMS Rating Product Series Part Number Input Voltage (V) Series Parallel 25VA TL94-025-010 TL94-025-012 TL94-025-016 TL94-025-020 TL94-025-024 TL94-025-028 TL94-025-036 TL94-025-230 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 10V C.T. 12.6V C.T. 16V C.T. 20V C.T. 24V C.T. 28V C.T. 36V C.T. 230V C.T. @2.5A @2.0A @1.6A @1.25A @1.0A @0.9A @0.7A @0.11A 5V 6.3V 8V 10V 12V 14V 18V 115V @5.0A @4.0A @3.2A @2.5A @2.0A @1.86A @1.4A @0.22A 43VA TL94-043-010 TL94-043-012 TL94-043-016 TL94-043-020 TL94-043-024 TL94-043-028 TL94-043-036 TL94-043-230 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 10V C.T. 12.6V C.T. 16V C.T. 20V C.T. 24V C.T. 28V C.T. 36V C.T. 230V C.T. @4.3A @3.4A @2.7A @2.2A @1.8A @1.5A @1.2A @0.19A 5V 6.3V 8V 10V 12V 14V 18V 115V @8.6A @6.8A @5.4A @4.4A @3.6A @3.0A @2.4A @0.38A 80VA TL94-080-010 TL94-080-012 TL94-080-016 TL94-080-020 TL94-080-024 TL94-080-028 TL94-080-036 TL94-080-230 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 10V C.T. 12.6V C.T. 16V C.T. 20V C.T. 24V C.T. 28V C.T. 36V C.T. 230V C.T. @8.0A @6.3A @5.0A @4.0A @3.3A @2.8A @2.2A @0.35A 5V 6.3V 8V 10V 12V 14V 18V 115V @16.0A @12.6A @10.0A @8.0A @6.6A @5.6A @4.4A @0.7A 130VA TL94-130-010 TL94-130-012 TL94-130-016 TL94-130-020 TL94-130-024 TL94-130-028 TL94-130-036 TL94-130-230 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 10V C.T. 12.6V C.T. 16V C.T. 20V C.T. 24V C.T. 28V C.T. 36V C.T. 230V C.T. @13.0A @10.3A @8.1A @6.5A @5.4A @4.6A @3.6A @0.57A 5V 6.3V 8V 10V 12V 14V 18V 115V @26.0A @20.6A @16.2A @13.0A @10.8A @9.2A @7.2A @1.14A 175VA TL94-175-010 TL94-175-012 TL94-175-016 TL94-175-020 TL94-175-024 TL94-175-028 TL94-175-036 TL94-175-230 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 10V C.T. 12.6V C.T. 16V C.T. 20V C.T. 24V C.T. 28V C.T. 36V C.T. 230V C.T. @17.5A @14.0A @11.0A @8.8A @7.3A @6.25A @4.8A @0.76A 5V 6.3V 8V 10V 12V 14V 18V 115V @35.0A @28.0A @22.0A @17.6A @14.6A @12.5A @9.6A @1.52A 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com DB LECTRO Inc. |
유사한 부품 번호 - TL94-130-024 |
|
유사한 설명 - TL94-130-024 |