전자부품 데이터시트 검색엔진 |
|
TL30S-100-280 데이터시트(PDF) 1 Page - DB Lectro Inc |
|
TL30S-100-280 데이터시트(HTML) 1 Page - DB Lectro Inc |
1 / 7 page STANDARD ENCAPSULATED TRANSFORMER • Power – 0.6VA to 36VA • Dielectric Strength – 3750Vrms • High ambient operation temperature (+70°C maximum) • Primary (115V 60Hz or 230V 50Hz) • Secondary – Single or Dual • Insulation Class – Class B (130°C) • Safety Approvals – UL506, CSA C22.2 #6, TUV / EN61558, CE B C G D F A E Fig A Empty pin shall be omitted if necessary. #1 PRI #5 #9 #7 SEC #6 #5 #1 #10 #9 #7 PRI SEC 1 SEC 2 Single Output Double Output Dimension (mm) Series A B C D E F G 0.6 (VA) 32.6 27.6 15.2 4.0 0.64x0.64 5.0 20.0 1.0 (VA) 32.3 27.3 22.8 4.0 0.64x0.64 5.0 20.0 1.2 (VA) 32.3 27.3 22.8 4.0 0.64x0.64 5.0 20.0 1.5 (VA) 32.3 27.3 22.8 4.0 0.64x0.64 5.0 20.0 1.8 (VA) 32.6 27.6 27.8 4.0 0.64x0.64 5.0 20.0 2.1 (VA) 32.6 27.6 27.8 4.0 0.64x0.64 5.0 20.0 2.3 (VA) 32.6 27.6 29.8 4.0 0.64x0.64 5.0 20.0 2.4 (VA) 32.6 27.6 27.8 4.0 0.64x0.64 5.0 20.0 2.7 (VA) 32.6 27.6 29.8 4.0 0.64x0.64 5.0 20.0 2.8 (VA) 32.6 27.6 29.8 4.0 0.64x0.64 5.0 20.0 Tolerance (mm) ±0.5 ±0.5 ±0.5 ±1.0 ±0.1 ±0.2 ±0.5 DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com |
유사한 부품 번호 - TL30S-100-280 |
|
유사한 설명 - TL30S-100-280 |