전자부품 데이터시트 검색엔진 |
|
TL42S-072-694 데이터시트(PDF) 7 Page - DB Lectro Inc |
|
TL42S-072-694 데이터시트(HTML) 7 Page - DB Lectro Inc |
7 / 7 page STANDARD ENCAPSULATED TRANSFORMER Series Part Number 230V/50Hz Part Number 115V/60Hz Output Voltage (V) Output Current (mA) Part Number 230V/50Hz Part Number 115V/60Hz Output Voltage (V) Output Current (mA) 2.4VA TL30S-060-400 TL30S-072-334 TL30S-090-268 TL30S-100-240 TL30S-120-200 TL30S-150-160 TL30S-180-134 TL30S-240-100 TL30US-060-400 TL30US-072-334 TL30US-090-268 TL30US-100-240 TL30US-120-200 TL30US-150-160 TL30US-180-134 TL30US-240-100 6 7.2 9 10 12 15 18 24 400 334 268 240 200 160 134 100 TL30D-060-200 TL30D-072-167 TL30D-090-134 TL30D-100-120 TL30D-120-100 TL30D-150-080 TL30D-180-067 TL30D-240-050 TL30UD-060-200 TL30UD-072-167 TL30UD-090-134 TL30UD-100-120 TL30UD-120-100 TL30UD-150-080 TL30UD-180-067 TL30UD-240-050 6 x 2 7.2 x 2 9 x 2 10 x 2 12 x 2 15 x 2 18 x 2 24 x 2 200 167 134 120 100 80 67 50 2.7VA TL30S-060-450 TL30S-072-375 TL30S-090-300 TL30S-100-270 TL30S-120-225 TL30S-150-180 TL30S-180-150 TL30S-240-112 TL30US-060-450 TL30US-072-375 TL30US-090-300 TL30US-100-270 TL30US-120-225 TL30US-150-180 TL30US-180-150 TL30US-240-112 6 7.2 9 10 12 15 18 24 450 375 300 270 225 180 150 112 TL30D-060-225 TL30D-072-187 TL30D-090-150 TL30D-100-135 TL30D-120-112 TL30D-150-090 TL30D-180-075 TL30D-240-056 TL30UD-060-225 TL30UD-072-187 TL30UD-090-150 TL30UD-100-135 TL30UD-120-112 TL30UD-150-090 TL30UD-180-075 TL30UD-240-056 6 x 2 7.2 x 2 9 x 2 10 x 2 12 x 2 15 x 2 18 x 2 24 x 2 225 187 150 135 112 90 75 56 2.8VA TL30S-060-466 TL30S-072-388 TL30S-090-311 TL30S-100-280 TL30S-120-233 TL30S-150-186 TL30S-180-155 TL30S-240-116 TL30US-060-466 TL30US-072-388 TL30US-090-311 TL30US-100-280 TL30US-120-233 TL30US-150-186 TL30US-180-155 TL30US-240-116 6 7.2 9 10 12 15 18 24 466 388 311 280 233 186 155 116 TL30D-060-233 TL30D-072-194 TL30D-090-155 TL30D-100-140 TL30D-120-116 TL30D-150-093 TL30D-180-077 TL30D-240-058 TL30UD-060-233 TL30UD-072-194 TL30UD-090-155 TL30UD-100-140 TL30UD-120-116 TL30UD-150-093 TL30UD-180-077 TL30UD-240-058 6 x 2 7.2 x 2 9 x 2 10 x 2 12 x 2 15 x 2 18 x 2 24 x 2 233 194 155 140 116 93 77 58 3.2VA TL38S-060-533 TL38S-072-444 TL38S-090-355 TL38S-100-320 TL38S-120-266 TL38S-150-213 TL38S-180-177 TL38S-240-133 TL38US-060-533 TL38US-072-444 TL38US-090-355 TL38US-100-320 TL38US-120-266 TL38US-150-213 TL38US-180-177 TL38US-240-133 6 7.2 9 10 12 15 18 24 533 444 355 320 266 213 177 133 TL38D-060-266 TL38D-072-222 TL38D-090-177 TL38D-100-160 TL38D-120-133 TL38D-150-106 TL38D-180-088 TL38D-240-066 TL38UD-060-266 TL38UD-072-222 TL38UD-090-177 TL38UD-100-160 TL38UD-120-133 TL38UD-150-106 TL38UD-180-088 TL38UD-240-066 6 x 2 7.2 x 2 9 x 2 10 x 2 12 x 2 15 x 2 18 x 2 24 x 2 266 222 177 160 133 106 88 66 4VA TL38S-060-666 TL38S-072-556 TL38S-090-444 TL38S-100-400 TL38S-120-333 TL38S-150-267 TL38S-180-222 TL38S-240-167 TL38US-060-666 TL38US-072-556 TL38US-090-444 TL38US-100-400 TL38US-120-333 TL38US-150-267 TL38US-180-222 TL38US-240-167 6 7.2 9 10 12 15 18 24 666 556 444 400 333 267 222 167 TL38D-060-333 TL38D-072-278 TL38D-090-222 TL38D-100-200 TL38D-120-167 TL38D-150-133 TL38D-180-111 TL38D-240-083 TL38UD-060-333 TL38UD-072-278 TL38UD-090-222 TL38UD-100-200 TL38UD-120-167 TL38UD-150-133 TL38UD-180-111 TL38UD-240-083 6 x 2 7.2 x 2 9 x 2 10 x 2 12 x 2 15 x 2 18 x 2 24 x 2 333 278 222 200 167 133 111 83 5VA TL42S-060-833 TL42S-072-694 TL42S-090-555 TL42S-100-500 TL42S-120-416 TL42S-150-333 TL42S-180-277 TL42S-240-208 TL42US-060-833 TL42US-072-694 TL42US-090-555 TL42US-100-500 TL42US-120-416 TL42US-150-333 TL42US-180-277 TL42US-240-208 6 7.2 9 10 12 15 18 24 833 694 555 500 416 333 277 208 TL42D-060-416 TL42D-072-347 TL42D-090-277 TL42D-100-250 TL42D-120-208 TL42D-150-166 TL42D-180-138 TL42D-240-104 TL42UD-060-416 TL42UD-072-347 TL42UD-090-277 TL42UD-100-250 TL42UD-120-208 TL42UD-150-166 TL42UD-180-138 TL42UD-240-104 6 x 2 7.2 x 2 9 x 2 10 x 2 12 x 2 15 x 2 18 x 2 24 x 2 416 347 277 250 208 166 138 104 8VA TL48S-060-1333 TL48S-072-1111 TL48S-090-0888 TL48S-100-0800 TL48S-120-0666 TL48S-150-0533 TL48S-180-0444 TL48S-240-0333 TL48US-060-1333 TL48US-072-1111 TL48US-090-0888 TL48US-100-0800 TL48US-120-0666 TL48US-150-0533 TL48US-180-0444 TL48US-240-0333 6 7.2 9 10 12 15 18 24 1333 1111 888 800 666 533 444 333 TL48D-060-0666 TL48D-072-0555 TL48D-090-0444 TL48D-100-0400 TL48D-120-0333 TL48D-150-0266 TL48D-180-0222 TL48D-240-0166 TL48UD-060-0666 TL48UD-072-0555 TL48UD-090-0444 TL48UD-100-0400 TL48UD-120-0333 TL48UD-150-0266 TL48UD-180-0222 TL48UD-240-0166 6 x 2 7.2 x 2 9 x 2 10 x 2 12 x 2 15 x 2 18 x 2 24 x 2 666 555 444 400 333 266 222 166 DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com |
유사한 부품 번호 - TL42S-072-694 |
|
유사한 설명 - TL42S-072-694 |