전자부품 데이터시트 검색엔진 |
|
TL30US-180-083 데이터시트(PDF) 6 Page - DB Lectro Inc |
|
TL30US-180-083 데이터시트(HTML) 6 Page - DB Lectro Inc |
6 / 7 page STANDARD ENCAPSULATED TRANSFORMER Series Part Number 230V/50Hz Part Number 115V/60Hz Output Voltage (V) Output Current (mA) Part Number 230V/50Hz Part Number 115V/60Hz Output Voltage (V) Output Current (mA) 0.6VA TL30S-060-100 TL30S-072-083 TL30S-090-067 TL30S-100-060 TL30S-120-050 TL30S-150-040 TL30S-180-033 TL30S-240-025 TL30US-060-100 TL30US-072-083 TL30US-090-067 TL30US-100-060 TL30US-120-050 TL30US-150-040 TL30US-180-033 TL30US-240-025 6 7.2 9 10 12 15 18 24 100 83 67 60 50 40 33 25 TL30D-060-050 TL30D-072-042 TL30D-090-033 TL30D-100-030 TL30D-120-025 TL30D-150-020 TL30D-180-017 TL30D-240-012 TL30UD-060-050 TL30UD-072-042 TL30UD-090-033 TL30UD-100-030 TL30UD-120-025 TL30UD-150-020 TL30UD-180-017 TL30UD-240-012 6 x 2 7.2 x 2 9 x 2 10 x 2 12 x 2 15 x 2 18 x 2 24 x 2 50 42 33 30 25 20 17 12 1.0VA TL30S-060-167 TL30S-072-139 TL30S-090-111 TL30S-100-100 TL30S-120-083 TL30S-150-067 TL30S-180-056 TL30S-240-042 TL30US-060-167 TL30US-072-139 TL30US-090-111 TL30US-100-100 TL30US-120-083 TL30US-150-067 TL30US-180-056 TL30US-240-042 6 7.2 9 10 12 15 18 24 167 139 111 100 83 67 56 42 TL30D-060-083 TL30D-072-069 TL30D-090-056 TL30D-100-050 TL30D-120-042 TL30D-150-033 TL30D-180-028 TL30D-240-021 TL30UD-060-083 TL30UD-072-069 TL30UD-090-056 TL30UD-100-050 TL30UD-120-042 TL30UD-150-033 TL30UD-180-028 TL30UD-240-021 6 x 2 7.2 x 2 9 x 2 10 x 2 12 x 2 15 x 2 18 x 2 24 x 2 83 69 56 50 42 33 28 21 1.2VA TL30S-060-200 TL30S-072-167 TL30S-090-133 TL30S-100-120 TL30S-120-100 TL30S-150-080 TL30S-180-067 TL30S-240-050 TL30US-060-200 TL30US-072-167 TL30US-090-133 TL30US-100-120 TL30US-120-100 TL30US-150-080 TL30US-180-067 TL30US-240-050 6 7.2 9 10 12 15 18 24 200 167 133 120 100 80 67 50 TL30D-060-100 TL30D-072-083 TL30D-090-067 TL30D-100-060 TL30D-120-050 TL30D-150-040 TL30D-180-033 TL30D-240-025 TL30UD-060-100 TL30UD-072-083 TL30UD-090-067 TL30UD-100-060 TL30UD-120-050 TL30UD-150-040 TL30UD-180-033 TL30UD-240-025 6 x 2 7.2 x 2 9 x 2 10 x 2 12 x 2 15 x 2 18 x 2 24 x 2 100 83 67 60 50 40 33 25 1.5VA TL30S-060-250 TL30S-072-208 TL30S-090-167 TL30S-100-150 TL30S-120-125 TL30S-150-100 TL30S-180-083 TL30S-240-062 TL30US-060-250 TL30US-072-208 TL30US-090-167 TL30US-100-150 TL30US-120-125 TL30US-150-100 TL30US-180-083 TL30US-240-062 6 7.2 9 10 12 15 18 24 250 208 167 150 125 100 83 62 TL30D-060-125 TL30D-072-104 TL30D-090-083 TL30D-100-075 TL30D-120-062 TL30D-150-050 TL30D-180-042 TL30D-240-031 TL30UD-060-125 TL30UD-072-104 TL30UD-090-083 TL30UD-100-075 TL30UD-120-062 TL30UD-150-050 TL30UD-180-042 TL30UD-240-031 6 x 2 7.2 x 2 9 x 2 10 x 2 12 x 2 15 x 2 18 x 2 24 x 2 125 104 83 75 62 50 42 31 1.8VA TL30S-060-300 TL30S-072-250 TL30S-090-200 TL30S-100-180 TL30S-120-150 TL30S-150-120 TL30S-180-100 TL30S-240-076 TL30US-060-300 TL30US-072-250 TL30US-090-200 TL30US-100-180 TL30US-120-150 TL30US-150-120 TL30US-180-100 TL30US-240-076 6 7.2 9 10 12 15 18 24 300 250 200 180 150 120 100 76 TL30D-060-150 TL30D-072-125 TL30D-090-100 TL30D-100-090 TL30D-120-075 TL30D-150-060 TL30D-180-050 TL30D-240-038 TL30UD-060-150 TL30UD-072-125 TL30UD-090-100 TL30UD-100-090 TL30UD-120-075 TL30UD-150-060 TL30UD-180-050 TL30UD-240-038 6 x 2 7.2 x 2 9 x 2 10 x 2 12 x 2 15 x 2 18 x 2 24 x 2 150 125 100 90 75 60 50 38 2.1VA TL30S-060-350 TL30S-072-292 TL30S-090-234 TL30S-100-210 TL30S-120-176 TL30S-150-140 TL30S-180-118 TL30S-240-088 TL30US-060-350 TL30US-072-292 TL30US-090-234 TL30US-100-210 TL30US-120-176 TL30US-150-140 TL30US-180-118 TL30US-240-088 6 7.2 9 10 12 15 18 24 350 292 234 210 176 140 118 88 TL30D-060-175 TL30D-072-146 TL30D-090-117 TL30D-100-105 TL30D-120-088 TL30D-150-070 TL30D-180-059 TL30D-240-044 TL30UD-060-175 TL30UD-072-146 TL30UD-090-117 TL30UD-100-105 TL30UD-120-088 TL30UD-150-070 TL30UD-180-059 TL30UD-240-044 6 x 2 7.2 x 2 9 x 2 10 x 2 12 x 2 15 x 2 18 x 2 24 x 2 175 146 117 105 88 70 59 44 2.3VA TL30S-060-383 TL30S-072-319 TL30S-090-255 TL30S-100-230 TL30S-120-191 TL30S-150-153 TL30S-180-127 TL30S-240-096 TL30US-060-383 TL30US-072-319 TL30US-090-255 TL30US-100-230 TL30US-120-191 TL30US-150-153 TL30US-180-127 TL30US-240-096 6 7.2 9 10 12 15 18 24 383 319 255 230 191 153 127 96 TL30D-060-191 TL30D-072-159 TL30D-090-127 TL30D-100-115 TL30D-120-095 TL30D-150-076 TL30D-180-063 TL30D-240-048 TL30UD-060-191 TL30UD-072-159 TL30UD-090-127 TL30UD-100-115 TL30UD-120-095 TL30UD-150-076 TL30UD-180-063 TL30UD-240-048 6 x 2 7.2 x 2 9 x 2 10 x 2 12 x 2 15 x 2 18 x 2 24 x 2 191 159 127 115 95 76 63 48 DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com |
유사한 부품 번호 - TL30US-180-083 |
|
유사한 설명 - TL30US-180-083 |