전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL30US-072-292 데이터시트(PDF) 2 Page - DB Lectro Inc

부품명 TL30US-072-292
상세설명  STANDARD ENCAPSULATED TRANSFORMER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DBLECTRO [DB Lectro Inc]
홈페이지  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL30US-072-292 데이터시트(HTML) 2 Page - DB Lectro Inc

  TL30US-072-292 Datasheet HTML 1Page - DB Lectro Inc TL30US-072-292 Datasheet HTML 2Page - DB Lectro Inc TL30US-072-292 Datasheet HTML 3Page - DB Lectro Inc TL30US-072-292 Datasheet HTML 4Page - DB Lectro Inc TL30US-072-292 Datasheet HTML 5Page - DB Lectro Inc TL30US-072-292 Datasheet HTML 6Page - DB Lectro Inc TL30US-072-292 Datasheet HTML 7Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STANDARD
ENCAPSULATED
TRANSFORMER
C
D
G
F
A
B
E
#7
#10
#8
#9
#6
#4
#1
#3
#2
#5
Fig B
B
B
B
I
J
F
K
H x 2
A
G
1
2F
C
D
F
F
G
C
A
1
2F
G
3
11
D
C
D
A
1
2F
E
E
E
Fig C
Fig D
Fig E
Empty pin shall be omitted if necessary.
#1
PRI
#5
#9
#7
SEC
130 C
#6
#5
#1
#10
#9
#7
PRI
SEC 1
SEC 2
130 C
Single Output
Double Output
Dimension (mm)
Series
A
B
C
D
E
F
G
H
I
J
K
Fig
3.2 (VA)
41.5
35.5
28.5
4.0
0.64x0.64
5.0
25.0
--
--
--
--
4.0 (VA)
41.5
35.5
28.5
4.0
0.64x0.64
5.0
25.0
--
--
--
--
B
5.0 (VA)
45.5
38.5
33.5
4.0
0.64x0.64
5.0
25.0
4.2
64.0
55.0
10.0
C, D, E
Tolerance (mm)
Max.
Max.
Max.
±1.0
±0.1
±0.2
±0.5
±0.2
Max
±0.5
±0.5
DB LECTRO Inc.
3600 boul. Matte suite i Brossard Qc tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


유사한 부품 번호 - TL30US-072-292

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
TL30 BANNER-TL30 Datasheet
807Kb / 6P
   TL30 Basic Tower Light
logo
Transko Electronics, In...
TL3002V TRANSKO-TL3002V Datasheet
452Kb / 4P
   300.00 MHz IF SAW Filter / 3.66 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL3007S TRANSKO-TL3007S Datasheet
452Kb / 3P
   300.00 MHz IF SAW Filter / 9.20 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016CD TI-TL3016CD Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results

유사한 설명 - TL30US-072-292

제조업체부품명데이터시트상세설명
logo
DB Lectro Inc
TL29E DBLECTRO-TL29E Datasheet
343Kb / 6P
   LOW PROFILE ENCAPSULATED TRANSFORMER
logo
List of Unclassifed Man...
D2088 ETC2-D2088 Datasheet
226Kb / 2P
   4VA LOW PROFILE ENCAPSULATED TRANSFORMER
logo
TRIAD MAGNETICS
MET-05-T TRIAD-MET-05-T Datasheet
141Kb / 1P
   Audio Coupling Miniature Encapsulated Transformer
logo
Texas Instruments
RF-HDT-DVBE-N0 TI-RF-HDT-DVBE-N0_07 Datasheet
102Kb / 4P
[Old version datasheet]   13.56-MHz ENCAPSULATED STANDARD TRANSPONDER
RF-HDT-DVBE TI1-RF-HDT-DVBE_15 Datasheet
130Kb / 6P
[Old version datasheet]   13.56-MHz ENCAPSULATED STANDARD TRANSPONDER
logo
Littelfuse
DO-35 LITTELFUSE-DO-35 Datasheet
386Kb / 5P
   Standard Series Glass Encapsulated Thermistors
logo
Texas Instruments
RF-HDT-DVBE TI-RF-HDT-DVBE_11 Datasheet
137Kb / 5P
[Old version datasheet]   13.56-MHz ENCAPSULATED STANDARD TRANSPONDER
logo
Bel Fuse Inc.
ECO-105-24 BEL-ECO-105-24 Datasheet
656Kb / 2P
   EcoTran Standard Series Transformer
logo
TT Electronics.
HM31 TTELEC-HM31 Datasheet
1Mb / 1P
   Encapsulated Encapsulated Encapsulated Current Sense Transformers
logo
Astec America, Inc
AEE ASTEC-AEE Datasheet
175Kb / 2P
   Encapsulated
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com