전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM6S13A 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SM6S13A
상세설명  Surface Mount Automotive Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM6S13A 데이터시트(HTML) 2 Page - Vishay Siliconix

  SM6S13A Datasheet HTML 1Page - Vishay Siliconix SM6S13A Datasheet HTML 2Page - Vishay Siliconix SM6S13A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM6S Series
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88384
2
01-Aug-02
Electrical Characteristics (TC = 25°C unless otherwise noted)
Maximum
Maximum
Max. Peak
Maximum
Reverse
Reverse
Pulse
Clamping
Device Type
Breakdown Voltage
Test Current
Stand-off
Leakage
Leakage
Current
Voltage at
V(BR)
IT
Voltage
at VWM
at VWM
at 10/1000
µsIPPM
(V)
VWM
ID
Tc=175oC
Waveform
VC
Min.
Max.
(mA)
(V)
(
µA)
ID(
µA)
(A)
(V)
SM6S10
11.1
13.6
5.0
10.0
15
250
245
18.8
SM6S10A
11.1
12.3
5.0
10.0
15
250
271
17.0
SM6S11
12.2
14.9
5.0
11.0
10
150
229
20.1
SM6S11A
12.2
13.5
5.0
11.0
10
150
253
18.2
SM6S12
13.3
16.3
5.0
12.0
10
150
209
22.0
SM6S12A
13.3
14.7
5.0
12.0
10
150
231
19.9
SM6S13
14.4
17.6
5.0
13.0
10
150
193
23.8
SM6S13A
14.4
15.9
5.0
13.0
10
150
214
21.5
SM6S14
15.6
19.1
5.0
14.0
10
150
178
25.8
SM6S14A
15.6
17.2
5.0
14.0
10
150
198
23.2
SM6S15
16.7
20.4
5.0
15.0
10
150
171
26.9
SM6S15A
16.7
18.5
5.0
15.0
10
150
189
24.4
SM6S16
17.8
21.8
5.0
16.0
10
150
160
28.8
SM6S16A
17.8
19.7
5.0
16.0
10
150
177
26.0
SM6S17
18.9
23.1
5.0
17.0
10
150
151
30.5
SM6S17A
18.9
20.9
5.0
17.0
10
150
167
27.6
SM6S18
20.0
24.4
5.0
18.0
10
150
143
32.2
SM6S18A
20.0
22.1
5.0
18.0
10
150
158
29.2
SM6S20
22.2
27.1
5.0
20.0
10
150
128
35.8
SM6S20A
22.2
24.5
5.0
20.0
10
150
142
32.4
SM6S22
24.4
29.8
5.0
22.0
10
150
117
39.4
SM6S22A
24.4
26.9
5.0
22.0
10
150
130
35.5
SM6S24
26.7
32.6
5.0
24.0
10
150
107
43.0
SM6S24A
26.7
29.5
5.0
24.0
10
150
118
38.9
SM6S26
28.9
35.3
5.0
26.0
10
150
99
46.6
SM6S26A
28.9
31.9
5.0
26.0
10
150
109
42.1
SM6S28
31.1
38.0
5.0
28.0
10
150
92
50.1
SM6S28A
31.1
34.4
5.0
28.0
10
150
101
45.4
SM6S30
33.3
40.7
5.0
30.0
10
150
86
53.5
SM6S30A
33.3
36.8
5.0
30.0
10
150
95
48.4
SM6S33
36.7
44.9
5.0
33.0
10
150
78
59.0
SM6S33A
36.7
40.6
5.0
33.0
10
150
86
53.3
SM6S36
40.0
48.9
5.0
36.0
10
150
72
64.3
SM6S36A
40.0
44.2
5.0
36.0
10
150
79
58.1
Note: For all types maximum VF = 1.9V at IF = 100A measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum


유사한 부품 번호 - SM6S13A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SM6S13A VISHAY-SM6S13A Datasheet
103Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM6S13A VISHAY-SM6S13A Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
logo
SUNMATE electronic Co.,...
SM6S13A SUNMATE-SM6S13A Datasheet
629Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SM6S13A LEIDITECH-SM6S13A Datasheet
1Mb / 6P
   4600W Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
SM6S13A YFWDIODE-SM6S13A Datasheet
492Kb / 4P
   Surface Mount Automotive Transient Voltage Suppressors 4600watts/3600watts
More results

유사한 설명 - SM6S13A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shanghai Shunye Electro...
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com