전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F723-1 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74F723-1
상세설명  Quad 2-to-1 data selector multiplexer 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F723-1 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74F723-1 Datasheet HTML 6Page - NXP Semiconductors 74F723-1 Datasheet HTML 7Page - NXP Semiconductors 74F723-1 Datasheet HTML 8Page - NXP Semiconductors 74F723-1 Datasheet HTML 9Page - NXP Semiconductors 74F723-1 Datasheet HTML 10Page - NXP Semiconductors 74F723-1 Datasheet HTML 11Page - NXP Semiconductors 74F723-1 Datasheet HTML 12Page - NXP Semiconductors 74F723-1 Datasheet HTML 13Page - NXP Semiconductors 74F723-1 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
74F723A/74F723–1/
74F725A/74F725–1
Multiplexers
1990 Dec 13
10
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00777
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SWITCH POSITION


유사한 부품 번호 - 74F723-1

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F711-1 PHILIPS-74F711-1 Datasheet
132Kb / 16P
   consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
1990 Dec 13
74F711A PHILIPS-74F711A Datasheet
132Kb / 16P
   consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
1990 Dec 13
74F712-1 PHILIPS-74F712-1 Datasheet
132Kb / 16P
   consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
1990 Dec 13
74F712A PHILIPS-74F712A Datasheet
132Kb / 16P
   consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
1990 Dec 13
logo
National Semiconductor ...
74F74 NSC-74F74 Datasheet
159Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
More results

유사한 설명 - 74F723-1

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74S257 FAIRCHILD-DM74S257 Datasheet
47Kb / 5P
   3-STATE Quad 1-of-2 Data Selector/Multiplexer
DM74ALS257 FAIRCHILD-DM74ALS257 Datasheet
74Kb / 7P
   3-STATE Quad 1-of-2-Line Data Selector/Multiplexer
logo
NXP Semiconductors
74F258A PHILIPS-74F258A Datasheet
74Kb / 8P
   Quad 2-line to 1-line selector/multiplexer, inverting 3-State
1996 Jan 05
logo
Integral Corp.
IN74ACT258 INTEGRAL-IN74ACT258 Datasheet
176Kb / 5P
   QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
System Logic Semiconduc...
SL74HC257 SLS-SL74HC257 Datasheet
47Kb / 5P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74ACT257 INTEGRAL-IN74ACT257 Datasheet
176Kb / 5P
   QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
HCC40257B STMICROELECTRONICS-HCC40257B Datasheet
267Kb / 11P
   QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Fairchild Semiconductor
DM74LS253 FAIRCHILD-DM74LS253 Datasheet
56Kb / 6P
   3-STATE Data Selector/Multiplexer
logo
NXP Semiconductors
74F257A PHILIPS-74F257A Datasheet
79Kb / 10P
   Quad 2-line to 1-line selector/multiplexer, non-inverting 3-State
1995 Mar 31
logo
Fairchild Semiconductor
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com