전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NEX230364 데이터시트(PDF) 1 Page - NEC

부품명 NEX230364
상세설명  2.3 GHz POWER OSCILLATOR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NEX230364 데이터시트(HTML) 1 Page - NEC

  NEX230364 Datasheet HTML 1Page - NEC NEX230364 Datasheet HTML 2Page - NEC NEX230364 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


유사한 부품 번호 - NEX230364

제조업체부품명데이터시트상세설명
logo
TEKTRONIX, INC.
NEX-DDR2MP60BSC TEKTRONIX-NEX-DDR2MP60BSC Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP60BSCSK TEKTRONIX-NEX-DDR2MP60BSCSK Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP84BSC TEKTRONIX-NEX-DDR2MP84BSC Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP84BSCSK TEKTRONIX-NEX-DDR2MP84BSCSK Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
NEX-DDR3MP78BSC TEKTRONIX-NEX-DDR3MP78BSC Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
More results

유사한 설명 - NEX230364

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
PH2323-1 MACOM-PH2323-1 Datasheet
147Kb / 2P
   CW Power Transistor, 1W 2.3 GHz
logo
M/A-COM Technology Solu...
PH2323-1 MA-COM-PH2323-1 Datasheet
125Kb / 2P
   CW Power Transistor 1W, 2.3 GHz
logo
Tyco Electronics
PH2323-3 MACOM-PH2323-3 Datasheet
125Kb / 2P
   CW Power Transistor 3.5W, 2.3 GHz
logo
M/A-COM Technology Solu...
PH2323-5 MA-COM-PH2323-5 Datasheet
124Kb / 2P
   CW Power Transistor 5W, 2.3 GHz
logo
Tyco Electronics
PH2323-14 MACOM-PH2323-14 Datasheet
148Kb / 2P
   CW Power Transistor,14W 2.3 GHz
PH2323-3 MACOM-PH2323-3 Datasheet
114Kb / 2P
   CW Power Transistor, 3.5W 2.3 GHz
PH2323-5 MACOM-PH2323-5 Datasheet
143Kb / 2P
   CW Power Transistor, 5W ,2.3 GHz
logo
M/A-COM Technology Solu...
PH2323-14 MA-COM-PH2323-14 Datasheet
134Kb / 2P
   CW Power Transistor 14W, 2.3 GHz
PH2323-3 MA-COM-PH2323-3 Datasheet
125Kb / 2P
   CW Power Transistor 3.5W, 2.3 GHz
logo
NEC
NEL2301 NEC-NEL2301 Datasheet
225Kb / 7P
   CLASS A 2.3 GHZ 15 VOLT POWER TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com