전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD16N25C 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FQD16N25C
상세설명  250V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD16N25C 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  FQD16N25C Datasheet HTML 1Page - Fairchild Semiconductor FQD16N25C Datasheet HTML 2Page - Fairchild Semiconductor FQD16N25C Datasheet HTML 3Page - Fairchild Semiconductor FQD16N25C Datasheet HTML 4Page - Fairchild Semiconductor FQD16N25C Datasheet HTML 5Page - Fairchild Semiconductor FQD16N25C Datasheet HTML 6Page - Fairchild Semiconductor FQD16N25C Datasheet HTML 7Page - Fairchild Semiconductor FQD16N25C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
FQD16N25C Rev. A
Mechanical Dimensions
6.60
±0.20
2.30
±0.10
0.50
±0.10
5.34
±0.30
0.76
±0.10
0.50
±0.10
1.02
±0.20
2.30
±0.20
6.60
±0.20
0.76
±0.10
(5.34)
(1.50)
(2XR0.25)
(5.04)
2.30TYP
[2.30
±0.20]
2.30TYP
[2.30
±0.20]
MAX0.96
(4.34)
(0.50)
(0.50)
D-PAK
Dimensions in Millimeters


유사한 부품 번호 - FQD16N25C

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FQD16N25C ISC-FQD16N25C Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
2023-8-17
logo
Fairchild Semiconductor
FQD16N25CTF FAIRCHILD-FQD16N25CTF_12 Datasheet
842Kb / 8P
   250V N-Channel MOSFET
FQD16N25CTM FAIRCHILD-FQD16N25CTM_12 Datasheet
842Kb / 8P
   250V N-Channel MOSFET
FQD16N25C FAIRCHILD-FQD16N25C_12 Datasheet
842Kb / 8P
   250V N-Channel MOSFET
More results

유사한 설명 - FQD16N25C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com