전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA42157M016AA 데이터시트(PDF) 2 Page - DB Lectro Inc

부품명 CA42157M016AA
상세설명  CA42 Dipped Tantalum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DBLECTRO [DB Lectro Inc]
홈페이지  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CA42157M016AA 데이터시트(HTML) 2 Page - DB Lectro Inc

  CA42157M016AA Datasheet HTML 1Page - DB Lectro Inc CA42157M016AA Datasheet HTML 2Page - DB Lectro Inc CA42157M016AA Datasheet HTML 3Page - DB Lectro Inc CA42157M016AA Datasheet HTML 4Page - DB Lectro Inc CA42157M016AA Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CA42 Dipped Tantalum Capacitors.
4
6.3
10
16
25(20)
35
50
0.1
104
A
A
0.15
154
A
A
0.22
224
A
A
0.33
334
A
A
0.47
474
A
A
0.68
684
A
A
1
105
AAAB
1.5
155
A
A
A
C
2.2
225
A
A
A
B
C
3.3
335
A
A
A
B
B
D
4.7
475
A
A
A
B
B
C
D
6.8
685
A
A
B
B
C
D
E
10
106
A
B
B
B
C
D
E
15
156
A
B
C
C
D
E
F
22
226
B
C
C
C
D
E
F
33
336
B
C
D
D
E
F
47
476
C
D
D
D
E
F
68
686
D
D
D
E
F
100
107
D
E
E
E
F
150
157
E
E
E
F
220
227
E
E
F
330
337
F
F
Cap.
¨Ì
¨Ì
¨Ì
¨Ì F©
©
©
©
Code
Rated voltage (V)
CA42
105
K
035
A
A
Type
Capacitance
Tolerance
DC voltage
Leads pitch
Packaging
4V=004
K=–10%
6.3V=006
M=–20%
10V=010
A=2.5mm
J=–5%
16V=016
B=5.0mm
25V=025
35V=035
40V=040
50V=050
Dipped
Tanatalum
Capacitors
105:
10X10
5(pF)This is
expressed in
picofarads. The
first two digits are
the significant
figures. The third is
the number of
zeros to follow.
T=Tape and reel
A=Ammo pack
B=bulk pack
Capacitance range,Case size(Letters stand for case sizes)
How To Order (CA42 105 K 035 A A)
DB LECTRO Inc.
DB LETRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


유사한 부품 번호 - CA42157M016AA

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
CA4200 VISHAY-CA4200 Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
CA4220 VISHAY-CA4220 Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
More results

유사한 설명 - CA42157M016AA

제조업체부품명데이터시트상세설명
logo
Dubilier
SH1016TR DUBILIER-SH1016TR Datasheet
206Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
SH1016TR DUBILIER-SH1016TR_11 Datasheet
243Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
logo
AVX Corporation
TAP107K020CRW AVX-TAP107K020CRW Datasheet
141Kb / 4P
   SOLID TANTALUM RESIN DIPPED CAPACITORS
logo
NIC-Components Corp.
NDTM NIC-NDTM Datasheet
214Kb / 3P
   Resin Dipped, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
TS19 SUNTAN-TS19_17 Datasheet
930Kb / 1P
   TANTALUM CAPACITOR- DIPPED
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com