전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F8966 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74F8966
상세설명  9-Bit address/data Futurebus transceiver, ADT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F8966 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74F8966 Datasheet HTML 3Page - NXP Semiconductors 74F8966 Datasheet HTML 4Page - NXP Semiconductors 74F8966 Datasheet HTML 5Page - NXP Semiconductors 74F8966 Datasheet HTML 6Page - NXP Semiconductors 74F8966 Datasheet HTML 7Page - NXP Semiconductors 74F8966 Datasheet HTML 8Page - NXP Semiconductors 74F8966 Datasheet HTML 9Page - NXP Semiconductors 74F8966 Datasheet HTML 10Page - NXP Semiconductors 74F8966 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors FAST Products
Product specification
74F8965/74F8966
9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
7
Notes to function table for 74F8966
1. H = High voltage level
2. h
= High voltage level one setup time prior to the low–to–high LE transition
3. L
= Low voltage level
4. l
= Low voltage level one setup time prior to the low–to–high LE transition
5. NC=
No change
6. X = Don’t care
7. Z = High impedance ”off’ state
8. –
= Input not externally driven
9.
↑ = Low–to–high transition
10.
↓* = High–to–low transition, latch must be preconditioned before IAREQ
11. H**= Goes to level of pullup voltage.
12. B* = Precaution should be taken to insure B inputs do not float. If they do they are equal to low state.
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
OEB0, OEB1, LEA, LE
–0.5 to +7.0
V
A0 – A8, B0 – B8
–0.5 to +5.5
V
IIN
Input current
–40 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
A0 – A8
48
mA
IOUT
Current applied to output in low output
state
IAMC (74F8966 only)
96
mA
B0 – B8
200
mA
Tamb
Operating free air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
LIMITS
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High–level input voltage
Except B0 – B8
2.0
V
B0 – B8
1.625
1.55
V
VIL
Low–level input voltage
Except B0 – B8
0.8
V
B0 – B8
1.475
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
A0 – A8
–3
mA
VOH
High–level output voltage
IAMC (74F8966 only)
4.5
V
A0 – A8
24
mA
IOL
Low–level output current
IAMC (74F8966 only)
48
mA
B0 – B8
100
mA
Tamb
Operating free air temperature
range
0
+70
°C


유사한 부품 번호 - 74F8966

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F8960 PHILIPS-74F8960 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8961 PHILIPS-74F8961 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8962 PHILIPS-74F8962 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8963 PHILIPS-74F8963 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
More results

유사한 설명 - 74F8966

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74FB2031 TI1-SN74FB2031_14 Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2031 TI-SN74FB2031 Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
logo
NXP Semiconductors
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
   9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
   8-bit Futurebus transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
logo
Texas Instruments
SN75ALS053 TI1-SN75ALS053 Datasheet
274Kb / 11P
[Old version datasheet]   QUADRUPLE FUTUREBUS TRANSCEIVER
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
DS3886A NSC-DS3886A Datasheet
187Kb / 11P
   BTL 9-Bit Latching Data Transceiver
logo
Texas Instruments
SN74BCT2425 TI1-SN74BCT2425 Datasheet
563Kb / 10P
[Old version datasheet]   MCP NuBus??ADDRESS/DATA REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com