์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HG4234 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - DB Lectro Inc

๋ถ€ํ’ˆ๋ช… HG4234
์ƒ์„ธ๋‚ด์šฉ  Miniature PCB / QC Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  DBLECTRO [DB Lectro Inc]
ํ™ˆํŽ˜์ด์ง€  http://www.dblectro.com
Logo 

HG4234 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - DB Lectro Inc

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 2 / 3 page
background image
HG4234
REFERENCE CURVES
HG4234
2/3
ORDERING DESIGNATION
HG4234 /
012
A -
Z
1
C
A
L
F
Example:
Model
Version
Contact Material
C: AgCdO; S: AgSnOInO
Mounting & Termination Code
A: PCB
B: PCB+QCs for Contacts
DC Coil Sensitivity
Thermal Class
Nil: Standard, 1W
Nil: UL Class B; F: UL Class F
C: QCs for All Terminals
L: Sensitive, HG4115/4138 Compatible, 0.9W
Nil: Open; 1: Sealed; 2: Dust Cover
H: 1 Form A; D: 1 Form B; Z: 1 Form C
Coil Voltage Code
Contact Form
Nil: DC Coil; A: AC Coil
DC/AC
COIL DATA
Coil
DC
Type
AC
Voltage
Code
Nominal
Voltage
( VDC/VAC)
Standard
Resistance
(
โ„ฆ) ยฑ10%
Sensitive
Must Operate
Voltage max.
( VDC)
Must Release
Voltage min.
( VDC)
005
006
009
012
015
018
022
024
048
110
5
6
9
12
15
18
22
24
48
110
25
36
81
144
225
324
484
576
2304
12100
27
40
97
155
256
380
545
660
2560
13450
3.75
4.5
6.75
9.0
11.25
13.5
16.5
18.0
36.0
82.5
0.5
0.6
0.9
1.2
1.5
1.8
2.2
2.4
4.8
11.0
012A
024A
110A
220A
12
24
110
220
26
106
2750
11000
10.2
20.4
93.5
187.0
1.8
3.6
16.0
33.0


Html Pages

1  2  3 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
HG4119Automotive Miniature PCB Power Relay 1 2 List of Unclassifed Manufacturers
HG4239Miniature PCB Power Relay 1 2 DB Lectro Inc
HG4504Automotive Miniature PCB Power Relay 1 2 DB Lectro Inc
HG4510Miniature PCB Power Relay 1 2 DB Lectro Inc
HG4515Miniature PCB Power Relay 1 2 DB Lectro Inc
PC822Miniature Automotive PCB Power Relay 1 2 Picker Components
HG4518Low Profile Miniature PCB Power Relay 1 2 DB Lectro Inc
HG4115MINIATURE PCB POWER RELAY 1 2 List of Unclassifed Manufacturers
HG4124Miniature PCB Power Relay 1 2 DB Lectro Inc
HG4124LMiniature PCB Power Relay 1 2 DB Lectro Inc

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn