전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT1G02 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74HCT1G02
상세설명  2-input NOR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G02 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT1G02 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 9Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 10Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 11Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 12Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 13Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2002 May 17
10
Philips Semiconductors
Product specification
2-input NOR gate
74HC1G02; 74HCT1G02
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT753
SC-74A
wB
M
bp
D
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
Plastic surface mounted package; 5 leads
SOT753
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.100
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
02-04-16


유사한 부품 번호 - 74HCT1G02

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT1G02 NXP-74HCT1G02 Datasheet
75Kb / 10P
   2-input NOR gate
Rev. 04-11 July 2007
logo
Nexperia B.V. All right...
74HCT1G02 NEXPERIA-74HCT1G02 Datasheet
206Kb / 10P
   2-input NOR gate
Rev. 5 - 21 January 2022
logo
NXP Semiconductors
74HCT1G02GV NXP-74HCT1G02GV Datasheet
75Kb / 10P
   2-input NOR gate
Rev. 04-11 July 2007
logo
Nexperia B.V. All right...
74HCT1G02GV NEXPERIA-74HCT1G02GV Datasheet
206Kb / 10P
   2-input NOR gate
Rev. 5 - 21 January 2022
74HCT1G02GV-Q100 NEXPERIA-74HCT1G02GV-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
More results

유사한 설명 - 74HCT1G02

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com