전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES-22-CV1-4-FPCQ-A5 데이터시트(PDF) 1 Page - DB Lectro Inc

부품명 ES-22-CV1-4-FPCQ-A5
상세설명  Sealed Sub-Miniature Push button Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DBLECTRO [DB Lectro Inc]
홈페이지  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ES-22-CV1-4-FPCQ-A5 데이터시트(HTML) 1 Page - DB Lectro Inc

  ES-22-CV1-4-FPCQ-A5 Datasheet HTML 1Page - DB Lectro Inc ES-22-CV1-4-FPCQ-A5 Datasheet HTML 2Page - DB Lectro Inc ES-22-CV1-4-FPCQ-A5 Datasheet HTML 3Page - DB Lectro Inc ES-22-CV1-4-FPCQ-A5 Datasheet HTML 4Page - DB Lectro Inc ES-22-CV1-4-FPCQ-A5 Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ES40-P
Sealed Sub-Miniature Push button Switches
(A)
ES
C V
CR
A 5 S
2 1
(B)
S
E1 A
2C V
2S
R
SPECIFICATIONS
MATERIALS
13
D
Switches Function
Cap
Cap color
ES-21A
ES-22A
ES-21B
ES-22B
FEATURES:
1. Sealed construction - internal plunger o-ring and epoxy terminal seal standard
2. Carry the IP67 approvals
CASE and BUSHING - glass filled nylon 6/6,flame retardant heat stabilized
(UL94V-0 )
PLUNGER - Thermoplastic polyester or glass filled nylon (UL94V-0)
CONTACT AND TERMINAL - Copper alloy , tin-lead plated
SWITCH SUPPORT - Brass , tin-lead
TERMINAL SEAL - Epoxy
How do you build the switches you need!!
The ES-21 / ES-22 (straight terminal type ), please see the (A) ;
The ES-21A/ES-21B/ES-22A/ES-22B, (Right angle type )please see the (B)
1
Plunger
Terminal
Contact Material
Vertical support Bracket
ES-21
ES-22
SPST off-mom.
SPDT on-mom.
CV
CV1
5.08
7.62
1 white
2 black
3 red
4 orange
5 yellow
6 green
7 blue
8 brown
9 gray
(none) std.
FP
flush type
C (std) P.C
Q silver plated
R gold plated
G gold over silver
K gold / tin-lead
(none)
A5S
std. snap-in type
A5
straight type
Horizon Right
Angle
Vertical Right
Angle
Switches Function
Cap
Cap color
Plunger
Contact Material
Support Bracket Option
SPST off-mom.
SPDT on-mom.
CV
CV1
5.08
7.62
1 white
2 black
3 red
4 orange
5 yellow
6 green
7 blue
8 brown
9 gray
Q silver plated
R gold plated
G gold over silver
K gold / tin-lead
S (std.) snap-in type
(none) std.
FP
flush type
IP67 approvals
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


유사한 부품 번호 - ES-22-CV1-4-FPCQ-A5

제조업체부품명데이터시트상세설명
logo
Baumer IVO GmbH & Co. K...
ES-22 IVO-ES-22 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
logo
Advantech Co., Ltd.
ES-2206 ADVANTECH-ES-2206 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2206 ADVANTECH-ES-2206 Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2206C-VVA-SRE ADVANTECH-ES-2206C-VVA-SRE Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2206R-VVAE ADVANTECH-ES-2206R-VVAE Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
More results

유사한 설명 - ES-22-CV1-4-FPCQ-A5

제조업체부품명데이터시트상세설명
logo
TOCOSAMERICA, INC.
3T106D TOCOS-3T106D Datasheet
3Mb / 8P
   Miniature Toggle and Push Button Switches
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
E-SWITCH
800B E-SWITCH-800B Datasheet
189Kb / 1P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
   Sealed Sub-Miniature Pushbutton Switches
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
D16-LMT1-2AB ETC-D16-LMT1-2AB Datasheet
166Kb / 4P
   Push Button Switches
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com