전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC08D 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74HC08D
상세설명  Quad 2-input AND gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC08D 데이터시트(HTML) 6 Page - NXP Semiconductors

  74HC08D Datasheet HTML 1Page - NXP Semiconductors 74HC08D Datasheet HTML 2Page - NXP Semiconductors 74HC08D Datasheet HTML 3Page - NXP Semiconductors 74HC08D Datasheet HTML 4Page - NXP Semiconductors 74HC08D Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 5 page
background image
2003 Jul 25
6
Philips Semiconductors
Product specification
Quad 2-input AND gate
74HC08; 74HCT08
DC CHARACTERISTICS
Family 74HC08
At recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb =25 °C
VIH
HIGH-level input voltage
2.0
1.5
1.2
V
4.5
3.15
2.4
V
6.0
4.2
3.2
V
VIL
LOW-level input voltage
2.0
0.8
0.5
V
4.5
2.1
1.35
V
6.0
2.8
1.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −20 µA
2.0
1.9
2.0
V
IO = −20 µA
4.5
4.4
4.5
V
IO = −4.0 mA
4.5
3.98
4.32
V
IO = −20 µA
6.0
5.9
6.0
V
IO = −5.2 mA
6.0
5.48
5.81
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 µA
2.0
0
0.1
V
IO =20 µA
4.5
0
0.1
V
IO = 4.0 mA
4.5
0.15
0.26
V
IO =20 µA
6.0
0
0.1
V
IO = 5.2 mA
6.0
0.16
0.26
V
ILI
input leakage current
VI =VCC or GND
6.0
0.1
±.0.1
µA
IOZ
3-state output OFF current VI =VIH or VIL;
VO =VCC or GND
6.0
−−±.0.5
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0 6.0
−−
2
µA


유사한 부품 번호 - 74HC08D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC08D PHILIPS-74HC08D Datasheet
109Kb / 20P
   Quad 2-input AND gate
2003 Jul 25
74HC08D PHILIPS-74HC08D Datasheet
150Kb / 16P
   Complies with JEDEC standard JESD7A
Rev. 4-6 September 2012
logo
Shanghai Leiditech Elec...
74HC08D LEIDITECH-74HC08D Datasheet
1Mb / 15P
   Quad 2-input AND gate
logo
Toshiba Semiconductor
74HC08D TOSHIBA-74HC08D Datasheet
173Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.4.0
logo
Nexperia B.V. All right...
74HC08D NEXPERIA-74HC08D Datasheet
242Kb / 13P
   Quad 2-input AND gate
Rev. 8 - 10 August 2021
More results

유사한 설명 - 74HC08D

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com