전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK672-330 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 STK672-330
상세설명  Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-330 데이터시트(HTML) 7 Page - Sanyo Semicon Device

Back Button STK672-330 Datasheet HTML 3Page - Sanyo Semicon Device STK672-330 Datasheet HTML 4Page - Sanyo Semicon Device STK672-330 Datasheet HTML 5Page - Sanyo Semicon Device STK672-330 Datasheet HTML 6Page - Sanyo Semicon Device STK672-330 Datasheet HTML 7Page - Sanyo Semicon Device STK672-330 Datasheet HTML 8Page - Sanyo Semicon Device STK672-330 Datasheet HTML 9Page - Sanyo Semicon Device STK672-330 Datasheet HTML 10Page - Sanyo Semicon Device STK672-330 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
• Thermal design
[Operating range in which a heat sink is not used]
The STK672-330 package has a structure that uses no screws, and is recommended for use without a heat sink. This
section discusses the safe operating range when no heat sink is used.
In the maximum ratings specifications, Tc max is specified to be 105°C, and when mounted in an actual end product
system, the Tc max value must never be exceeded during operation. Tc can be expressed by formula (A) below, and
thus the range for
∆Tc must be stipulated so that Tc is always under 105°C.
Tc = Ta +
∆Tc (A)
Ta: Hybrid IC (H-IC) ambient temperature,
∆Tc: Temperature increase across the aluminum substrate
As shown in figure 5, the value of
∆Tc increases as the hybrid IC internal average power dissipation P
D increases.
As shown in figure 4, PD increases with the motor current. Here we describe the actual PD calculation using the
example shown in the motor current timing chart in figure 2.
Since there are periods when current flows and periods when the current is off during actual motor operation, PD
cannot be determined from the data presented in figure 4. Therefore, we calculate PD assuming that actual motor
operation consists of repetitions of the operation shown in figure 2.
No. 7304-7/11
STK672-330
Figure 2. Motor Current Timing
T1: Motor rotation operation time
T2: Motor hold operation time
T3: Motor current off time
T2 may be reduced, depending on the application.
T0: Single repeated motor operating cycle
IO1 and IO2: Motor current peak values
Due to the structure of motor windings, the phase current is a positive and negative current with a pulse form.
Note that figure 2 presents the concepts here, and that the on/off duty of the actual signals will differ.
The hybrid IC (H-IC) internal average power dissipation PD can be calculated from the following formula.
PD = (T1 × P1 + T2 × P2 + T3) ÷ T0
(I)
(Here, P1 is the PD for IO1 and P2 is the PD for IO2)
If the value calculated in formula (I) above is under 1.5 W, then from figure 5 we see that operation is allowed up to an
ambient temperature Ta of 60°C.
While the operating range when a heat sink is not used can be determined from formula (I) above, figure 4 is merely a
single example of one operating mode for a single motor.
For example, while figure 4 shows a 2-phase excitation motor, if 1-2 phase excitation is used with a 500-Hz clock
frequency, the drive will be turned off for 25% of the time and the dissipation PD will be reduced to 75% of that in
figure 4.
It is extremely difficult for SANYO to calculate the internal average power dissipation PD for all possible end product
conditions. After performing the above rough calculations, always install the hybrid IC (H-IC) in an actual end product
and verify that the substrate temperature Tc does not rise above 105°C.
Motor phase current
(sink side)
ITF02175


유사한 부품 번호 - STK672-330

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
logo
ON Semiconductor
STK672-340-E ONSEMI-STK672-340-E Datasheet
100Kb / 13P
   Unipolar Fixed-Current Chopper
June, 2013
More results

유사한 설명 - STK672-330

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-210 SANYO-STK672-210 Datasheet
90Kb / 8P
   Two-Phase Stepping Motor Driver Output Current: 1.4 A
STK673-010 SANYO-STK673-010 Datasheet
336Kb / 16P
   3-Phase Stepping Motor Driver(sine wave drive) Output Current 2.4A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
Sanyo Semicon Device
STK672-080 SANYO-STK672-080 Datasheet
221Kb / 17P
   Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
logo
Hitachi Semiconductor
HA13475MP HITACHI-HA13475MP Datasheet
63Kb / 3P
   TWO PHASE STEPPING MOTOR DRIVER
logo
ON Semiconductor
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-120-E ONSEMI-STK672-120-E Datasheet
85Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com