전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WV3HG64M72EER403D6ISG 데이터시트(PDF) 9 Page - White Electronic Designs Corporation

부품명 WV3HG64M72EER403D6ISG
상세설명  512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEDC [White Electronic Designs Corporation]
홈페이지  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M72EER403D6ISG 데이터시트(HTML) 9 Page - White Electronic Designs Corporation

Back Button WV3HG64M72EER403D6ISG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M72EER403D6ISG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M72EER403D6ISG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M72EER403D6ISG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M72EER403D6ISG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M72EER403D6ISG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M72EER403D6ISG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG64M72EER403D6ISG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG64M72EER403D6ISG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
WV3HG64M72EER-D6
ADVANCED
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
August 2006
Rev. 1
30.50 (1.201)
29.85 (1.175)
PIN 1
17.80 (0.700)
TYP.
5.0 (0.197) TYP.
123.0 (4.843)
TYP.
1.0 (0.039)
TYP.
0.80 (0.032)
TYP.
4.00 (0.158)
(4X)
PIN 120
FRONT VIEW
133.50 (5.256)
133.20 (5.244)
63.0 (2.480)
TYP.
55.0 (2.165)
TYP.
10.00(0.394 )
TYP.
BACK VIEW
PIN 240
PIN 121
1.37 (0.054)
1.17 (0.046)
4.0 (0.158)
MAX
1.50 (0.059)
3.00 (0.118)
(4X)
5.175 (0.204)
(2X)
PACKAGE DIMENSIONS FOR D6
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR D6
Part Number
Speed
CAS Latency
tRCD
tRP
Height*
WV3HG64M72EER806D6
400MHz/800Mb/s
6
6
6
30.00mm (1.181") TYP
WV3HG64M72EER665D6
333MHz/667Mb/s
5
5
5
30.00mm (1.181") TYP
WV3HG64M72EER534D6
266MHz/533Mb/s
4
4
4
30.00mm (1.181") TYP
WV3HG64M72EER403D6
200MHz/400Mb/s
3
3
3
30.00mm (1.181") TYP
NOTES:
• RoHS products. (“G” = RoHS Compliant)
• Vendor specific part numbers are used to provide memory component source control. The place holder for this is shown as a lower case "x"
in the part numbers above and is to be replaced with respective vendors code. Consult factory for qualified sourcing options.
(M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


유사한 부품 번호 - WV3HG64M72EER403D6ISG

제조업체부품명데이터시트상세설명
logo
White Electronic Design...
WV3HG64M72EER403D7MG WEDC-WV3HG64M72EER403D7MG Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72EER403D7SG WEDC-WV3HG64M72EER403D7SG Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results

유사한 설명 - WV3HG64M72EER403D6ISG

제조업체부품명데이터시트상세설명
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com