전자부품 데이터시트 검색엔진 |
|
WV3HG264M72EEU665D7IMG 데이터시트(PDF) 4 Page - White Electronic Designs Corporation |
|
WV3HG264M72EEU665D7IMG 데이터시트(HTML) 4 Page - White Electronic Designs Corporation |
4 / 11 page WV3HG264M72EEU-D7 May 2006 Rev. 0 ADVANCED 4 White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com White Electronic Designs DC OPERATING CONDITIONS All voltages referenced to VSS Parameter Symbol Min Typical Max Unit Notes Supply Voltage VCC 1.7 1.8 1.9 V 3 I/O Reference Voltage VREF 0.49 x VCC 0.50 x VCC 0.51 x VCC V1 I/O Termination Voltage VTT VREF-0.04 VREF VREF+0.04 V 2 SPD Supply Voltage VCCSPD 1.7 - 3.6 V Notes: 1 VREF is expected to equal VCC/2 of the transmitting device and to track variations in the DC level of the same. Peak-to-peak noise on VREF may not exceed +/-1 percent of the DC value. Peak-to-peak AC noise on VREF may not exceed +/-2 percent of VREF. This measurement is to be taken at the nearest VREF bypass capacitor. 2. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF and must track variations in the DC level of VREF. 3. VCCQ of all IC's are tied to VCC. ABSOLUTE MAXIMUM RATINGS Symbol Parameter Min Max Units VCC Voltage on VCC pin relative to VSS -0.5 2.3 V VIN, VOUT Voltage on any pin relative to VSS -0.5 2.3 V TSTG Storage Temperature -55 100 °C IL Input leakage current; Any input 0V<VIN<VCC; VREF input 0V,VIN,0.95V; Other pins not under test = 0V Command/Address, RAS#, CAS#, WE#, -90 90 µA CS#, CKE, ODT -45 45 µA CK, CK# -10 10 µA DM -10 10 µA IOZ Output leakage current; 0V<VIN<VCC; DQs and ODT are disable DQ, DQS, DQS# -10 10 µA IVREF VREF leakage current; VREF = Valid VREF level -36 36 µA INPUT/OUTPUT CAPACITANCE TA=25 0 C, f=1 00MHz Parameter Symbol Min Max Unit Input capacitance (A0 - A13, BA0 - BA1 ,RAS#,CAS#,WE#) CIN1 22 40 pF Input capacitance ( CKE0, CKE1), (ODT0, ODT1) CIN2 13 22 pF Input capacitance (CS0#, CS1#) CIN3 13 22 pF Input capacitance (CK0, CK0#) CIN4 67 pF Input capacitance (DM0 - DM8), (DQS0 - DQS8) CIN5 (665) 911 pF CIN5 (534, 403) 912 pF Input capacitance (DQ0 - DQ63), (CB0 - CB7) COUT1 (665) 911 pF COUT1 (534, 403) 912 pF |
유사한 부품 번호 - WV3HG264M72EEU665D7IMG |
|
유사한 설명 - WV3HG264M72EEU665D7IMG |