전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW332 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 FW332
상세설명  N-Channel and P-Channel Silicon MOSFETs Motor Driver Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW332 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  FW332 Datasheet HTML 1Page - Sanyo Semicon Device FW332 Datasheet HTML 2Page - Sanyo Semicon Device FW332 Datasheet HTML 3Page - Sanyo Semicon Device FW332 Datasheet HTML 4Page - Sanyo Semicon Device FW332 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FW332
No.7134-2/6
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
RDS(on)1
ID=4A, VGS=10V
55
70
m
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=2A, VGS=4V
105
145
m
Input Capacitance
Ciss
VDS=10V, f=1MHz
270
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
90
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
55
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
9
ns
Rise Time
tr
See specified Test Circuit.
80
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
25
ns
Fall Time
tf
See specified Test Circuit.
17
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=4A
7.0
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=4A
1.3
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=4A
1.5
nC
Diode Forward Voltage
VSD
IS=4A, VGS=0
0.84
1.2
V
[P-channel]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--30V, VGS=0
--1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.0
--2.4
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--3A
2.9
4.2
S
RDS(on)1
ID=--3A, VGS=--10V
90
115
m
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=--1.5A, VGS=--4V
160
225
m
Input Capacitance
Ciss
VDS=--10V, f=1MHz
370
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
100
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
65
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
8
ns
Rise Time
tr
See specified Test Circuit.
45
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
30
ns
Fall Time
tf
See specified Test Circuit.
31
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--3A
8.6
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--3A
1.2
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--10V, ID=--3A
1.8
nC
Diode Forward Voltage
VSD
IS=--3A, VGS=0
--0.85
--1.5
V
Electrical Connection
Switching Time Test Circuit
[N-channel]
[P-channel]
PW=10
µs
D.C.
≤1%
10V
0V
VIN
P.G
50
G
S
FW332
ID=4A
RL=3.75Ω
VDD=15V
VOUT
VIN
D
PW=10
µs
D.C.
≤1%
0V
--10V
VIN
P.G
50
G
S
FW332
ID= --3A
RL=5Ω
VDD= --15V
VOUT
VIN
D
D1
D1
D2
D2
S1
G1
S2
G2
(Top view)


유사한 부품 번호 - FW332

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FW30 ETC1-FW30 Datasheet
56Kb / 1P
   30 Watt AC Adapter
logo
Lineage Power Corporati...
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
logo
List of Unclassifed Man...
FW3012-760-NC ETC1-FW3012-760-NC Datasheet
56Kb / 1P
   30 Watt AC Adapter
FW3015-760-NC ETC1-FW3015-760-NC Datasheet
56Kb / 1P
   30 Watt AC Adapter
More results

유사한 설명 - FW332

제조업체부품명데이터시트상세설명
logo
Shenzhen Winsemi Microe...
WFSA6503 WINSEMI-WFSA6503 Datasheet
428Kb / 9P
   N- Channel and P-Channel Silicon MOSFETs
WFSA5406 WINSEMI-WFSA5406 Datasheet
520Kb / 8P
   N- Channel and P-Channel Silicon MOSFETs
WFSA5510 WINSEMI-WFSA5510 Datasheet
496Kb / 9P
   N- Channel and P-Channel Silicon MOSFETs
logo
Sanyo Semicon Device
CPH6605 SANYO-CPH6605 Datasheet
54Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs
ECH8673 SANYO-ECH8673 Datasheet
441Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
FW344A SANYO-FW344A Datasheet
439Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
ECH8608 SANYO-ECH8608 Datasheet
57Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
ECH8661 SANYO-ECH8661 Datasheet
442Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
ECH8660 SANYO-ECH8660 Datasheet
372Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
ECH8668 SANYO-ECH8668 Datasheet
374Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com