전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX77105 데이터시트(PDF) 9 Page - Skyworks Solutions Inc.

부품명 CX77105
상세설명  Power Amplifier Module for CDMA/AMPS (824-849 MHz)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX77105 데이터시트(HTML) 9 Page - Skyworks Solutions Inc.

Back Button CX77105 Datasheet HTML 5Page - Skyworks Solutions Inc. CX77105 Datasheet HTML 6Page - Skyworks Solutions Inc. CX77105 Datasheet HTML 7Page - Skyworks Solutions Inc. CX77105 Datasheet HTML 8Page - Skyworks Solutions Inc. CX77105 Datasheet HTML 9Page - Skyworks Solutions Inc. CX77105 Datasheet HTML 10Page - Skyworks Solutions Inc. CX77105 Datasheet HTML 11Page - Skyworks Solutions Inc. CX77105 Datasheet HTML 12Page - Skyworks Solutions Inc. CX77105 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CX77105
Characterization Data
Power Amplifier Module for CDMA/AMPS (824–849 MHz)
101787A
Skyworks Solutions, Inc. Proprietary
9
December 10, 2002
Figure 6. Second Harmonic Rejection vs. Output Power
Figure 7. Third Harmonic Rejection vs. Output Power
30
35
40
45
50
55
0
5
10
15
20
25
30
Output Power (dBm)
VREF = 3.0 V
VCC = 3.4 V
VCONT > 2.5 V
VCONT < 0.5 V
101787_014
50
55
60
65
70
0
5
10
15
20
25
30
Output Power (dBm)
VREF = 3.0 V
VCC = 3.4 V
VCONT > 2.5 V
VCONT < 0.5 V
101787_015
837 @ +25
837 @ +25 ˚C
824 @
824 @ –30
30 ˚C
824 @ +25
824 @ +25 ˚C
824 @ +85
824 @ +85 ˚C
837 @
837 @ –30
30 ˚C
837 @ +85
837 @ +85 ˚C
849 @
849 @ –30
30 ˚C
849 @ +25
849 @ +25 ˚C
849 @ +85
849 @ +85 ˚C
Legend


유사한 부품 번호 - CX77105

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
CX77107 SKYWORKS-CX77107 Datasheet
297Kb / 14P
   PA Module for CDMA / PCS (1850-1910 MHz)
CX77107-14P SKYWORKS-CX77107-14P Datasheet
297Kb / 14P
   PA Module for CDMA / PCS (1850-1910 MHz)
More results

유사한 설명 - CX77105

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
   PA Module for CDMA / AMPS (824-849 MHz)
SKY77162 SKYWORKS-SKY77162 Datasheet
212Kb / 13P
   System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
   Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
logo
Skyworks Solutions Inc.
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
   AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
   Power Amplifier Module for AMPS Applications (824-849 MHz)
SKY77154 SKYWORKS-SKY77154 Datasheet
182Kb / 12P
   System Smart PA Module for CDMA / AMPS (824-849 MHz)
logo
Synaptics Incorporated.
RM912 CONEXANT-RM912 Datasheet
457Kb / 20P
   CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz)
logo
Skyworks Solutions Inc.
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
   Power Amplifier Module for CDMA (824 MHz??49 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Skyworks Solutions Inc.
SKY77176 SKYWORKS-SKY77176 Datasheet
276Kb / 11P
   AutoSmart Dual-Band Power Amplifier Module for CDMA/PCS(824-849 MHz and 1850-1910 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com