전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

73K222BL 데이터시트(PDF) 9 Page - TDK Electronics

부품명 73K222BL
상세설명  V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo TDK - TDK Electronics

73K222BL 데이터시트(HTML) 9 Page - TDK Electronics

Back Button 73K222BL Datasheet HTML 5Page - TDK Electronics 73K222BL Datasheet HTML 6Page - TDK Electronics 73K222BL Datasheet HTML 7Page - TDK Electronics 73K222BL Datasheet HTML 8Page - TDK Electronics 73K222BL Datasheet HTML 9Page - TDK Electronics 73K222BL Datasheet HTML 10Page - TDK Electronics 73K222BL Datasheet HTML 11Page - TDK Electronics 73K222BL Datasheet HTML 12Page - TDK Electronics 73K222BL Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
73K222BL
V.22, V.21, Bell 212A, Bell 103
Single-Chip Modem with Integrated Hybrid
9
CONTROL REGISTER 0
D7
D6
D5
D4
D3
D2
D1
D0
CR0
000
MODUL.
OPTION
0
TRANSMIT
MODE 3
TRANSMIT
MODE 2
TRANSMIT
MODE 1
TRANSMIT
MODE 0
TRANSMIT
ENABLE
ANSWER/
ORIGINATE
BIT NO.
NAME
CONDITION
DESCRIPTION
0
Selects answer mode (transmit in high band, receive
in low band).
D0
Answer/
Originate
1
Selects originate mode (transmit in low band, receive in
high band).
0
Disables transmit output at TXA.
D1
Transmit
Enable
1
Enables transmit output at TXA.
Note: TX Enable must be set to 1 to allow Answer Tone
and DTMF Transmission as well as data carriers.
D5 D4 D3 D2
00
0
0
Selects power-down mode. All functions disabled except
digital interface.
0
0
0
1
Internal synchronous mode. In this mode TXCLK is an
internally derived 1200 Hz signal. Serial input data
appearing at TXD must be valid on the rising edge of
TXCLK. Receive data is clocked out of RXD on the
falling edge of RXCLK.
0
0
1
0
External synchronous mode. Operation is identical to
internal synchronous, but TXCLK is connected internally
to EXCLK pin, and a 1200 Hz ± 0.01% clock must be
supplied externally.
0
0
1
1
Slave synchronous mode. Same operation as other
synchronous modes. TXCLK is connected internally to
the RXCLK pin in this mode.
0
1
0
0
Selects PSK asynchronous mode - 8 bits/character
(1 start bit, 6 data bits, 1 stop bit).
0
1
0
1
Selects PSK asynchronous mode - 9 bits/character
(1 start bit, 7 data bits, 1 stop bit).
0
1
1
0
Selects PSK asynchronous mode - 10 bits/character
(1 start bit, 8 data bits, 1 stop bit).
0
1
1
1
Selects PSK asynchronous mode - 11 bits/character
(1 start bit, 8 data bits, Parity and 1 or 2 stop bits).
D5, D4, D3, D2
Transmit
Mode
1
1
0
0
Selects FSK operation.
D6
0
Not used; must be written as a “0.”


유사한 부품 번호 - 73K222BL

제조업체부품명데이터시트상세설명
logo
Teridian Semiconductor ...
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
   Single-Chip Modem
73K222BL-IH/F TERIDIAN-73K222BL-IH/F Datasheet
173Kb / 26P
   Single-Chip Modem
73K222BL-IHR/F TERIDIAN-73K222BL-IHR/F Datasheet
173Kb / 26P
   Single-Chip Modem
More results

유사한 설명 - 73K222BL

제조업체부품명데이터시트상세설명
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
logo
Projects Unlimited, Inc...
AWB-25R6-24 PUI-AWB-25R6-24 Datasheet
56Kb / 1P
   BELL
AWB-20R6-24 PUI-AWB-20R6-24 Datasheet
56Kb / 1P
   BELL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com