전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

73K212AL 데이터시트(PDF) 6 Page - TDK Electronics

부품명 73K212AL
상세설명  V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo TDK - TDK Electronics

73K212AL 데이터시트(HTML) 6 Page - TDK Electronics

Back Button 73K212AL Datasheet HTML 2Page - TDK Electronics 73K212AL Datasheet HTML 3Page - TDK Electronics 73K212AL Datasheet HTML 4Page - TDK Electronics 73K212AL Datasheet HTML 5Page - TDK Electronics 73K212AL Datasheet HTML 6Page - TDK Electronics 73K212AL Datasheet HTML 7Page - TDK Electronics 73K212AL Datasheet HTML 8Page - TDK Electronics 73K212AL Datasheet HTML 9Page - TDK Electronics 73K212AL Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
73K222BL
V.22, V.21, Bell 212A, Bell 103
Single-Chip Modem with Integrated Hybrid
6
PARALLEL CONTROL INTERFACE (continued)
NAME
PIN
TYPE
DESCRIPTION
WR
14
I
Write. A low on this pin informs the 73K222BL that data is available on
AD0-AD7 for writing into an internal register. Data is latched on the rising
edge of
WR. No data is written unless both WR and the latched CS are
low.
SERIAL CONTROL INTERFACE
NAME
PIN
TYPE
DESCRIPTION
AD0-AD2
5-7
I
Register Address Selection. These lines carry register addresses and
should be valid during any read or write operation.
DATA (AD7)
12
I/O
Serial Control Data. Data for a read/write operation is clocked in or out on
the falling edge of the EXCLK pin. The direction of data flow is controlled
by the
RD pin. RD low outputs data. RD high inputs data.
RD
15
I
Read. A low on this input informs the 73K222BL that data or status
information is being read by the processor. The falling edge of the
RD
signal will initiate a read from the addressed register. The
RD signal must
continue fort eight falling edges of EXCLK in order to read all eight bits of
the referenced register. Read data is provided LSB first. Data will not be
output unless the
RD signal is active.
WR
14
I
Write. A low on this input informs the 73K222BL that data or status
information has been shifted in through the DATA pin and is available for
writing to an internal register. The normal procedure for a write is to shift
in data LSB first on the DATA pin for eight consecutive falling edges of
EXCLK and then to pulse
WR low. Data is written on the rising edge of
WR.
NOTE: The serial control mode is provided by tying ALE high and
CS low. In this configuration AD7 becomes
DATA and AD0, AD1 and AD2 become the address only.


유사한 부품 번호 - 73K212AL

제조업체부품명데이터시트상세설명
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
logo
TDK Electronics
73K222AL-IGT TDK-73K222AL-IGT Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222AL-IH TDK-73K222AL-IH Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Teridian Semiconductor ...
73K222AL-IH/F TERIDIAN-73K222AL-IH/F Datasheet
277Kb / 27P
   Single-Chip Modem
More results

유사한 설명 - 73K212AL

제조업체부품명데이터시트상세설명
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
logo
Projects Unlimited, Inc...
AWB-25R6-24 PUI-AWB-25R6-24 Datasheet
56Kb / 1P
   BELL
AWB-20R6-24 PUI-AWB-20R6-24 Datasheet
56Kb / 1P
   BELL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com