전자부품 데이터시트 검색엔진 |
|
74HC175PW 데이터시트(PDF) 5 Page - NXP Semiconductors |
|
74HC175PW 데이터시트(HTML) 5 Page - NXP Semiconductors |
5 / 13 page 1998 Jul 08 5 Philips Semiconductors Product specification Quad D-type flip-flop with reset; positive-edge trigger 74HC/HCT175 DC CHARACTERISTICS FOR 74HC For the DC characteristics see “74HC/HCT/HCU/HCMOS Logic Family Specifications”. Output capability: standard ICC category: MSI AC CHARACTERISTICS FOR 74HC GND = 0 V; tr =tf = 6 ns; CL = 50 pF SYMBOL PARAMETER Tamb (°C) UNIT TEST CONDITIONS 74HC VCC (V) WAVEFORMS +25 −40 to +85 −40 to +125 min. typ. max. min. max. min. max. tPHL/ tPLH propagation delay CP to Qn, Qn 55 175 220 265 ns 2.0 Fig.6 20 35 44 53 4.5 16 30 37 45 6.0 tPHL/ tPLH propagation delay MR to Qn, Qn 50 150 190 225 ns 2.0 Fig.8 18 30 38 45 4.5 14 26 33 38 6.0 tTHL/ tTLH output transition time 19 75 95 110 ns 2.0 Fig.6 7 15 19 22 4.5 6 13 16 19 6.0 tW clock pulse width HIGH or LOW 80 22 100 120 ns 2.0 Fig.6 16 8 20 24 4.5 14 6 17 20 6.0 tW master reset pulse width LOW 80 19 100 120 ns 2.0 Fig.8 16 7 20 24 4.5 14 6 17 20 6.0 trem removal time MR to CP 5 −33 5 5 ns 2.0 Fig.8 5 −12 5 5 4.5 5 −10 5 5 6.0 tsu set-up time Dn to CP 80 3 100 120 ns 2.0 Fig.7 16 1 20 24 4.5 14 1 17 20 6.0 th hold time CP to Dn 25 2 30 40 ns 2.0 Fig.7 5 0 6 8 4.5 4 0 5 7 6.0 fmax maximum clock pulse frequency 6.0 25 4.8 4.0 MHz 2.0 Fig.6 30 75 24 20 4.5 35 89 28 24 6.0 |
유사한 부품 번호 - 74HC175PW |
|
유사한 설명 - 74HC175PW |