전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC251 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74HC251
상세설명  8-input multiplexer; 3-state
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC251 데이터시트(HTML) 6 Page - NXP Semiconductors

  74HC251 Datasheet HTML 1Page - NXP Semiconductors 74HC251 Datasheet HTML 2Page - NXP Semiconductors 74HC251 Datasheet HTML 3Page - NXP Semiconductors 74HC251 Datasheet HTML 4Page - NXP Semiconductors 74HC251 Datasheet HTML 5Page - NXP Semiconductors 74HC251 Datasheet HTML 6Page - NXP Semiconductors 74HC251 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
December 1990
6
Philips Semiconductors
Product specification
8-input multiplexer; 3-state
74HC/HCT251
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆I
CC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
In
S0
S1,S2
OE
1.00
1.50
1.50
1.50
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min. max. min.
max.
tPHL/ tPLH
propagation delay
In to Y
22
35
44
53
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
In to Y
22
35
44
53
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
Sn to Y
24
44
55
66
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
Sn to Y
25
44
55
66
ns
4.5
Fig.7
tPZH/ tPZL
3-state output enable time
OE to Y, Y
13
28
35
42
ns
4.5
Fig.7
tPHZ/ tPLZ
3-state output disable time
OE to Y, Y
14
28
35
42
ns
4.5
Fig.7
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Figs 6 and 7


유사한 부품 번호 - 74HC251

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC251 NEXPERIA-74HC251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
74HC251D NEXPERIA-74HC251D Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
74HC251D-Q100 NEXPERIA-74HC251D-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
74HC251DB-Q100 NEXPERIA-74HC251DB-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
More results

유사한 설명 - 74HC251

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
logo
NXP Semiconductors
74F251A PHILIPS-74F251A Datasheet
46Kb / 5P
   8-input multiplexer 3-State
1996 Jan 05
74HC_HCT251 PHILIPS-74HC_HCT251_15 Datasheet
177Kb / 20P
   8-input multiplexer; 3-state
Rev. 3-9 July 2013
logo
List of Unclassifed Man...
74HC356 ETC1-74HC356 Datasheet
337Kb / 8P
   8-INPUT MULTIPLEXER / RESISTER 3-STATE
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com