전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4048BE 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 CD4048BE
상세설명  CMOS Multifunction Expandable 8-Input Gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD4048BE 데이터시트(HTML) 11 Page - Texas Instruments

Back Button CD4048BE Datasheet HTML 4Page - Texas Instruments CD4048BE Datasheet HTML 5Page - Texas Instruments CD4048BE Datasheet HTML 6Page - Texas Instruments CD4048BE Datasheet HTML 7Page - Texas Instruments CD4048BE Datasheet HTML 8Page - Texas Instruments CD4048BE Datasheet HTML 9Page - Texas Instruments CD4048BE Datasheet HTML 10Page - Texas Instruments CD4048BE Datasheet HTML 11Page - Texas Instruments CD4048BE Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


유사한 부품 번호 - CD4048BE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4048BE TI1-CD4048BE Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048BEE4 TI1-CD4048BEE4 Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
More results

유사한 설명 - CD4048BE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4048B TI1-CD4048B_15 Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
logo
Intersil Corporation
CD4048BMS INTERSIL-CD4048BMS Datasheet
144Kb / 11P
   CMOS Multifunction Expandable 8 Input Gate
December 1992
logo
STMicroelectronics
HCC4048B STMICROELECTRONICS-HCC4048B Datasheet
280Kb / 12P
   MULTIFUNCTION EmULTIFUNCTION EXPANDABLE 8-INPUT GATE
logo
Micro Electronics
MMC4048 MICRO-ELECTRONICS-MMC4048 Datasheet
142Kb / 4P
   MULTIFUNCTION EXPANDALE 8-INPUT GATE
logo
Texas Instruments
CD4086B TI-CD4086B Datasheet
539Kb / 12P
[Old version datasheet]   CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
logo
Intersil Corporation
CD4086BMS INTERSIL-CD4086BMS Datasheet
85Kb / 9P
   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
CD4086B TI1-CD4086B_14 Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Intersil Corporation
CD4068BMS INTERSIL-CD4068BMS Datasheet
65Kb / 8P
   CMOS 8 Input NAND/AND Gate
December 1992
logo
Texas Instruments
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
[Old version datasheet]   CMOS 8-input NOR/OR Gate
CD4068B TI-CD4068B Datasheet
182Kb / 10P
[Old version datasheet]   CMOS 8-INPUT NAND AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com