전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB1AHF-M-24V 데이터시트(PDF) 2 Page - Nais(Matsushita Electric Works)

부품명 CB1AHF-M-24V
상세설명  HIGH POWER AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NAIS [Nais(Matsushita Electric Works)]
홈페이지  
Logo NAIS - Nais(Matsushita Electric Works)

CB1AHF-M-24V 데이터시트(HTML) 2 Page - Nais(Matsushita Electric Works)

  CB1AHF-M-24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) CB1AHF-M-24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) CB1AHF-M-24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) CB1AHF-M-24V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CB
380
Characteristics
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 All other specifications are the same as those of standard type (12V coil voltage)
*2 Measurement at same location as "Initial breakdown voltage" section
*3 Detection current: 10 mA
*4 Wave is standard shock voltage of
±1.2 × 50µs according to JEC-212-1981
*5 Excluding contact bounce time
*6 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*7 Half-wave pulse of sine wave: 6ms
*8 Detection time: 10
µs
*9 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61)
Max. operating speed (at rated load)
15 cpm
Initial insulation resistance*2
Min. 20 M
Ω (at 500 V DC)
Initial breakdown voltage*3
Between open contacts
500 Vrms for 1 min.
Between contacts and coil
500 Vrms for 1 min.
Operate time*4 (at nominal voltage)
Max. 15 ms
Release time (without diode)*4 (at nominal voltage)
Max. 15 ms
Shock resistance
Functional*5
Min. 200 m/s2 {20 G}
Destructive*6
Min. 1,000 m/s2 {100 G}
Vibration resistance
Functional*7
10 to 500Hz, Min. 44.1m/s2 {4.5G}
Functional*8
10 to 2,000Hz, Min. 44.1m/s2 {4.5G}
Conditions for operation, transport and storage*9
(Not freezing and condensing at low temperature)
Ambient temp.
–40
°C to +85°C –40°F to +185°F
(Heat resistant type: –40
°C to +125°C –40°F to +257°F)
Humidity
5 to 85% R.H.
Unit weight
Approx. 33 g 1.16 oz
TYPICAL APPLICATIONS
• Automotive system
• ABS, Head Lamp, Air conditioner
• Tracter, Combine
ORDERING INFORMATION
1F
R
T
M
12 V
CB
Contact arrangement
Protective construction
Type classification
Mounting classification
Coil voltage (DC)
1a: 1 Form A
1: 1 Form C
1aH: High contact
capacity*1
(1 Form A)
Nil: Sealed type
F: Flux-resistant type
Heat resistant of types
Nil: Standard type
T: Heat resistant type*2
Nil: Standard type
D: with diode inside
R: with resistor inside
Nil: Quick connect type
P: PC board type
M:Bracket type
12, 24 V
Note: Bulk pakage: 50 pcs.; Case: 200 pcs.
*1 High contact capacity type is available only for “Quick connect” and 12 V.
(See “1. Standard type in TYPES” Page 380)
*2 Heat resistant type with high contact capacity is not available.
(See “2. Heat resistant type in TYPES” Page 381)
TYPES
1. Standard type
Contact arrangement
Mounting classification
Coil voltage, V DC
Part No.
Sealed type
Flux-resistant type
1 Form A
PC board type
12V
CB1a-P-12V
CB1aF-P-12V
24V
CB1a-P-24V
CB1aF-P-24V
Quick connect type
12V
CB1a-12V
CB1aF-12V
24V
CB1a-24V
CB1aF-24V
Bracket type
12V
CB1a-M-12V
CB1aF-M-12V
24V
CB1a-M-24V
CB1aF-M-24V
1 Form C
PC board type
12V
CB1-P-12V
CB1F-P-12V
24V
CB1-P-24V
CB1F-P-24V
Quick connect type
12V
CB1-12V
CB1F-12V
24V
CB1-24V
CB1F-24V
Bracket type
12V
CB1-M-12V
CB1F-M-12V
24V
CB1-M-24V
CB1F-M-24V
High contact capacity (1 Form A)
Quick connect type
12V
CB1aH-12V
CB1aHF-12V


유사한 부품 번호 - CB1AHF-M-24V

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
CB1AHF-M-24V PANASONIC-CB1AHF-M-24V Datasheet
138Kb / 8P
   MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
CB1AHF-M-24V PANASONIC-CB1AHF-M-24V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
More results

유사한 설명 - CB1AHF-M-24V

제조업체부품명데이터시트상세설명
logo
Nais(Matsushita Electri...
CB1F-T-RM-12V NAIS-CB1F-T-RM-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARF SANYOU-SARF Datasheet
230Kb / 4P
   High Power Automotive Relay
SARE SANYOU-SARE Datasheet
275Kb / 3P
   High Power Automotive Relay
SARH SANYOU-SARH Datasheet
236Kb / 3P
   High Power Automotive Relay
SARB SANYOU-SARB Datasheet
187Kb / 3P
   High Power Automotive Relay
logo
OEN India Limited
3572-1A-06-P-01 OENINDIA-3572-1A-06-P-01 Datasheet
117Kb / 3P
   AUTOMOTIVE POWER RELAY
740-12-1C-1SCNIL OENINDIA-740-12-1C-1SCNIL Datasheet
129Kb / 3P
   AUTOMOTIVE POWER RELAY
OEN79 OENINDIA-OEN79 Datasheet
492Kb / 2P
   AUTOMOTIVE POWER RELAY
OEN78 OENINDIA-OEN78 Datasheet
399Kb / 2P
   AUTOMOTIVE POWER RELAY
OEN61A OENINDIA-OEN61A Datasheet
369Kb / 2P
   AUTOMOTIVE POWER RELAY
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com